| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADSP-SC596 bảng dữ liệu(PDF) 29 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC596 bảng dữ liệu(HTML) 29 Page - Analog Devices |
|
29 / 134 page ![]() ADSP-SC595/SC596/SC598 Preliminary Technical Data Rev. PrD | Page 29 of 134 | May 2022 400-BALL BGA_ED SIGNAL DESCRIPTIONS The processor pin definitions are shown in Table 10 for the 400-ball BGA_ED package. The columns in this table provide the following information: • The signal name column includes the signal name for every pin and the GPIO multiplexed pin function, where applicable. • The description column provides a descriptive name for each signal. • The port column shows whether or not a signal is multiplexed with other signals on a GPIO port pin. • The pin name column identifies the name of the package pin (at power on reset) on which the signal is located (if a single function pin) or is multiplexed (if a GPIO pin). • The DAI pins and their associated signal routing units (SRUs) connect inputs and outputs of the DAI peripherals (SPORT, ASRC, S/PDIF, and PCG). See the Digital Audio Interface (DAI) chapter of the ADSP-SC595/SC596/SC598 SHARC+ Processor Hardware Reference for complete information on the use of the DAI and SRUs. Table 10. ADSP-SC595/SC596/SC598 400-Ball BGA_ED Signal Descriptions Signal Name Description Port Pin Name C1_FLG00 SHARC+ Core 1 FLAGS I/O 0 A PA_12 C1_FLG01 SHARC+ Core 1 FLAGS I/O 1 H PH_02 C1_FLG02 SHARC+ Core 1 FLAGS I/O 2 B PB_03 C1_FLG03 SHARC+ Core 1 FLAGS I/O 3 B PB_02 C1_FLG04 SHARC+ Core 1 FLAGS I/O 4 I PI_03 C1_FLG05 SHARC+ Core 1 FLAGS I/O 5 I PI_04 C1_FLG06 SHARC+ Core 1 FLAGS I/O 6 F PF_02 C1_FLG07 SHARC+ Core 1 FLAGS I/O 7 F PF_01 C1_FLG08 SHARC+ Core 1 FLAGS I/O 8 E PE_12 C1_FLG09 SHARC+ Core 1 FLAGS I/O 9 F PF_09 C1_FLG10 SHARC+ Core 1 FLAGS I/O 10 F PF_03 C1_FLG11 SHARC+ Core 1 FLAGS I/O 11 D PD_03 C1_FLG12 SHARC+ Core 1 FLAGS I/O 12 F PF_13 C1_FLG13 SHARC+ Core 1 FLAGS I/O 13 F PF_12 C1_FLG14 SHARC+ Core 1 FLAGS I/O 14 G PG_09 C1_FLG15 SHARC+ Core 1 FLAGS I/O 15 I PI_05 C2_FLG00 SHARC+ Core 2 FLAGS I/O 0 I PI_01 C2_FLG01 SHARC+ Core 2 FLAGS I/O 1 I PI_02 C2_FLG02 SHARC+ Core 2 FLAGS I/O 2 F PF_06 C2_FLG03 SHARC+ Core 2 FLAGS I/O 3 F PF_07 C2_FLG04 SHARC+ Core 2 FLAGS I/O 4 F PF_10 C2_FLG05 SHARC+ Core 2 FLAGS I/O 5 F PF_11 C2_FLG06 SHARC+ Core 2 FLAGS I/O 6 G PG_13 C2_FLG07 SHARC+ Core 2 FLAGS I/O 7 E PE_11 C2_FLG08 SHARC+ Core 2 FLAGS I/O 8 F PF_08 C2_FLG09 SHARC+ Core 2 FLAGS I/O 9 D PD_14 C2_FLG10 SHARC+ Core 2 FLAGS I/O 10 D PD_02 C2_FLG11 SHARC+ Core 2 FLAGS I/O 11 G PG_12 C2_FLG12 SHARC+ Core 2 FLAGS I/O 12 F PF_14 C2_FLG13 SHARC+ Core 2 FLAGS I/O 13 E PE_13 C2_FLG14 SHARC+ Core 2 FLAGS I/O 14 G PG_10 C2_FLG15 SHARC+ Core 2 FLAGS I/O 15 G PG_11 CANFD0_RX CANFD0 Receive F PF_15 CANFD0_TX CANFD0 Transmit G PG_00 CANFD1_RX CANFD1 Receive G PG_01 CANFD1_TX CANFD1 Transmit G PG_02 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |