công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADSP-SC596 bảng dữ liệu(PDF) 93 Page - Analog Devices

tên linh kiện ADSP-SC596
Giải thích chi tiết về linh kiện  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 bảng dữ liệu(HTML) 93 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 89Page - Analog Devices ADSP-SC596 Datasheet HTML 90Page - Analog Devices ADSP-SC596 Datasheet HTML 91Page - Analog Devices ADSP-SC596 Datasheet HTML 92Page - Analog Devices ADSP-SC596 Datasheet HTML 93Page - Analog Devices ADSP-SC596 Datasheet HTML 94Page - Analog Devices ADSP-SC596 Datasheet HTML 95Page - Analog Devices ADSP-SC596 Datasheet HTML 96Page - Analog Devices ADSP-SC596 Datasheet HTML 97Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 134 page
background image
Rev. PrD
|
Page 93 of 134
|
May 2022
ADSP-SC595/SC596/SC598
Preliminary Technical Data
OSPI Port—Master Timing
OSPI0
Table 56 and Figure 27 describe the OSPI port master operations. Slave mode is not supported for OSPI.
When internally generated, the programmed SPI clock (fOSPICLKPROG) frequency in megahertz is set by the following equations:
where PRG_MBD is the master mode baud rate divisor.
Note that
• In dual-mode data transmit, the OSPI0_MISO signal is also an output.
• In quad-mode data transmit, the OSPI0_MISO, OSPI0_D2, and OSPI0_D3 signals are also outputs.
• In octal-mode data transmit, the OSPI0_MISO, OSPI0_D2, OSPI0_D3, OSPI0_D4, OSPI0_D5, OSPI0_D6, and OSPI0_D7 signals
are also outputs.
• In dual-mode data receive, the OSPI0_MOSI signal is also an input.
• In quad-mode data receive, the OSPI0_MOSI, OSPI0_D2, and OSPI0_D3 signals are also inputs.
• In octal-mode data receive, the OSPI0_MISO, OSPI0_D2, OSPI0_D3, OSPI0_D4, OSPI0_D5, OSPI0_D6, and OSPI0_D7 signals are
also outputs.
• CPHA is a configuration bit in the OSPI0_CTL register.
Table 56. OSPI0 Port—Master Timing1
1 All specifications apply to OSPI0 only.
All specifications are based on simulation data and are subject to change without notice.
Parameter
Min
Max
Unit
Timing Requirements
tSSPIDM
Data Input Valid to OSPI0_CLK Sampling Edge
(Data Input Setup) 2
2 tSSPIDM and tHSPIDM specifications are characterized for OSPI0_RDC settings of 2 for DDR mode and 3 for SDR mode.
tSYSCLK + TBD
ns
tHSPIDM OSPI0_CLK Sampling Edge to Data Input Invalid
(Data Input Hold)2
TBD
ns
Switching Characteristics
tSDSCIM OSPI0_SEL Low to First OSPI0_CLK Edge
3
3 PRG_CSSOT = chip select start of transfer (defined in OSPI0_DLY[7:0]).
TBD × tOSPICLKPROG + PRG_CSSOT ×
tSYSCLK – TBD
ns
tSPICHM OSPI0_CLK High Period
4
4 See Table 22 for details on the minimum period that can be programmed for tSPICLKPROG.
TBD × tOSPICLKPROG – TBD
ns
tSPICLM
OSPI0_CLK Low Period4
TBD × tOSPICLKPROG – TBD
ns
tSPICLK
OSPI0_CLK Period4
tOSPICLKPROG – TBD
ns
tHDSM
Last OSPI0_CLK Edge to OSPI0_SEL High for Mode = 05
5 PRG_CSEOT = chip select end of transfer (defined in OSPI0_DLY[15:8]).
PRG_CSEOT × tSYSCLK – TBD
ns
Last OSPI0_CLK Edge to OSPI0_SEL High for Mode = 35, 6
6 Mode = clock phase and clock polarity bits (defined inOSPI0_CTL[2:1]).
PRG_CSEOT × tSYSCLK + TBD ×
tOSPICLKPROG – TBD
ns
tDDSPIDM OSPI0_CLK Edge to Data Out Valid to Driving Edge
(Data Out Delay)7
7 PRG_WRHLD = transmit delay to improve output hold (defined in OSPI0_RDC[19:16]).
(PRG_WRHLD + TBD) × tSYSCLK +
TBD
ns
tHDSPIDM OSPI0_CLK Edge to Data Out Invalid to Driving Edge
(Data Out Hold)7
PRG_WRHLD × tSYSCLK – TBD
ns
fSYSCLK
fCDU_CLKO10
=
fOSPICLKPROG
fSYSCLK
PRG_MBD
--------------------
=
tOSPICLKPROG
1
fOSPICLKPROG
----------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com