công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADSP-SC596 bảng dữ liệu(PDF) 100 Page - Analog Devices

tên linh kiện ADSP-SC596
Giải thích chi tiết về linh kiện  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 bảng dữ liệu(HTML) 100 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 96Page - Analog Devices ADSP-SC596 Datasheet HTML 97Page - Analog Devices ADSP-SC596 Datasheet HTML 98Page - Analog Devices ADSP-SC596 Datasheet HTML 99Page - Analog Devices ADSP-SC596 Datasheet HTML 100Page - Analog Devices ADSP-SC596 Datasheet HTML 101Page - Analog Devices ADSP-SC596 Datasheet HTML 102Page - Analog Devices ADSP-SC596 Datasheet HTML 103Page - Analog Devices ADSP-SC596 Datasheet HTML 104Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 134 page
background image
Rev. PrD
|
Page 100 of 134
|
May 2022
ADSP-SC595/SC596/SC598
Preliminary Technical Data
10/100 EMAC Timing (ETH0 and ETH1)
Table 66 through Table 68 and Figure 36 through Figure 38 describe the RMII EMAC operations.
Table 66. 10/100 EMAC Timing—RMII Receive Signal1
1 These specifications apply to ETH0 and ETH1.
All specifications are based on simulation data and are subject to change without notice.
Parameter2
2 RMII inputs synchronous to RMII ETHx_REFCLK are ETHx_RXD1–0, RMII ETHx_CRS, and ERxER.
Min
Max
Unit
Timing Requirements
tREFCLKF
ETHx_REFCLK Frequency (fSCLK0 = SCLK0 Frequency)
50 + 1%
MHz
tREFCLKW
ETHx_REFCLK Width (tREFCLKF = ETHx_REFCLK Period)
tREFCLKF × 35%
tREFCLKF × 65%
ns
tREFCLKIS
Rx Input Valid to RMII ETHx_REFCLK Rising Edge (Data Input Setup)
1.75
ns
tREFCLKIH
RMII ETHx_REFCLK Rising Edge to Rx Input Invalid (Data Input Hold)
1.6
ns
Figure 36. 10/100 EMAC Controller Timing—RMII Receive Signal
Table 67. 10/100 EMAC Timing—RMII Transmit Signal1
1 These specifications apply to ETH0 and ETH1.
All specifications are based on simulation data and are subject to change without notice.
Parameter2
2 RMII outputs synchronous to RMII ETHx_REFCLK are ETHx_TXD1 and TXD0.
Min
Max
Unit
Switching Characteristics
tREFCLKOV
RMII ETHx_REFCLK Rising Edge to Transmit Output Valid (Data Out Valid)
11.9
ns
tREFCLKOH
RMII ETHx_REFCLK Rising Edge to Transmit Output Invalid (Data Out Hold)
2
ns
Figure 37. 10/100 EMAC Controller Timing—RMII Transmit Signal
tREFCLKIS
tREFCLKIH
ETHx_RXD1–0
ETHx_CRS
ETHx_REFCLK
tREFCLKW
tREFCLKF
tREFCLKW
tREFCLKOV
tREFCLKOH
ETHx_REFCLK
ETHx_TXD1–0
ETHx_TXEN
tREFCLKF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com