công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADSP-SC596 bảng dữ liệu(PDF) 103 Page - Analog Devices

tên linh kiện ADSP-SC596
Giải thích chi tiết về linh kiện  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 bảng dữ liệu(HTML) 103 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 99Page - Analog Devices ADSP-SC596 Datasheet HTML 100Page - Analog Devices ADSP-SC596 Datasheet HTML 101Page - Analog Devices ADSP-SC596 Datasheet HTML 102Page - Analog Devices ADSP-SC596 Datasheet HTML 103Page - Analog Devices ADSP-SC596 Datasheet HTML 104Page - Analog Devices ADSP-SC596 Datasheet HTML 105Page - Analog Devices ADSP-SC596 Datasheet HTML 106Page - Analog Devices ADSP-SC596 Datasheet HTML 107Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 134 page
background image
Rev. PrD
|
Page 103 of 134
|
May 2022
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Enhanced Parallel Peripheral Interface (EPPI) Timing
Table 70 and Table 71 and Figure 40 through Figure 48 describe enhanced parallel peripheral interface (EPPI) timing operations. In
Figure 40 through Figure 48, POLC[1:0] represents the setting of the EPPI_CTL register, which sets the sampling/driving edges of the
EPPI clock.
When internally generated, the programmed PPI clock (fPCLKPROG) frequency in megahertz is set by the following equation where
VALUE is a field in the EPPI_CLKDIV register that can be set from 0 to 65535:
When externally generated, the EPPI_CLK is called fPCLKEXT:
Table 70. Enhanced Parallel Peripheral Interface (EPPI)—Internal Clock
All specifications are based on simulation data and are subject to change without notice.
Parameter
Min
Max
Unit
Timing Requirements
tSFSPI
External FS Setup Before EPPI_CLK
6.5
ns
tHFSPI
External FS Hold After EPPI_CLK
0
ns
tSDRPI
Receive Data Setup Before EPPI_CLK
6.5
ns
tHDRPI
Receive Data Hold After EPPI_CLK
0
ns
tSFS3GI
External FS3 Input Setup Before EPPI_CLK Fall Edge in Clock
Gating Mode
14
ns
tHFS3GI
External FS3 Input Hold Before EPPI_CLK Fall Edge in Clock
Gating Mode
0ns
Switching Characteristics
tPCLKW
EPPI_CLK Width1
1 See Table 22 for details on the minimum period that can be programmed for tPCLKPROG.
0.5 × tPCLKPROG – 1.5
ns
tPCLK
EPPI_CLK Period1
tPCLKPROG – 1.5
ns
tDFSPI
Internal FS Delay After EPPI_CLK
3.5
ns
tHOFSPI
Internal FS Hold After EPPI_CLK
–1
ns
tDDTPI
Transmit Data Delay After EPPI_CLK
3.5
ns
tHDTPI
Transmit Data Hold After EPPI_CLK
–1
ns
fPCLKPROG
fSCLK0
VALUE
1
+

---------------------
=
tPCLKPROG
1
fPCLKPROG
-----------------
=
tPCLKEXT
1
fPCLKEXT
--------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com