công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADSP-SC596 bảng dữ liệu(PDF) 74 Page - Analog Devices

tên linh kiện ADSP-SC596
Giải thích chi tiết về linh kiện  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 bảng dữ liệu(HTML) 74 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 70Page - Analog Devices ADSP-SC596 Datasheet HTML 71Page - Analog Devices ADSP-SC596 Datasheet HTML 72Page - Analog Devices ADSP-SC596 Datasheet HTML 73Page - Analog Devices ADSP-SC596 Datasheet HTML 74Page - Analog Devices ADSP-SC596 Datasheet HTML 75Page - Analog Devices ADSP-SC596 Datasheet HTML 76Page - Analog Devices ADSP-SC596 Datasheet HTML 77Page - Analog Devices ADSP-SC596 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 134 page
background image
Rev. PrD
|
Page 74 of 134
|
May 2022
ADSP-SC595/SC596/SC598
Preliminary Technical Data
LPs DDR Mode
Link ports DDR mode is a same edge protocol. It drives and samples data on the same edge of the clock. Positive-edge-driven data from
Tx is sampled on the same positive edge by Rx, and negative-edge-driven data from Tx is sampled on the same negative edge by Rx.
Table 41. LPs DDR—Receive1
1 Specifications apply to LP0 and LP1.
All specifications are based on simulation data and are subject to change without notice.
Parameter
Min
Max
Unit
Timing Requirements
fLCLKREXT
LPx_CLK Frequency
125
MHz
tSLDCL
Data Setup Before LPx_CLK
0.85
ns
tHLDCL
Data Hold After LPx_CLK
1.45
ns
tLCLKEW
LPx_CLK Period2
2 This specification indicates the minimum instantaneous width or period that can be tolerated due to duty cycle variation or jitter on the external LPx_CLK. For the external
LPx_CLK ideal maximum frequency, see the fLCLKRTEXT specification in Table 22.
tLCLKREXT – 1
ns
tLCLKRWL
LPx_CLK Width Low2
0.5 × tLCLKREXT
ns
tLCLKRWH
LPx_CLK Width High2
0.5 × tLCLKREXT
ns
Switching Characteristic
tDLALC
LPx_ACK Low Delay After LPx_CLK Low3
3 LPx_ACK goes low with tDLALC relative to rise of LPx_CLK after first byte, but does not go low if the link buffer of the receiver is not about to fill.
1.5 × tCDU_CLKO8 + 4
2.5 × tCDU_CLKO8 + 12
ns
Figure 12. LPs DDR—Receive
tSLDCL
IN
tLCLKRWH
tLCLKRWL
tLCLKEW
tDLALC
LPx_CLK
LPx_D3–0
LPx_ACK (OUT)
IN
tHLDCL
tSLDCL
tHLDCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com