công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADSP-SC596 bảng dữ liệu(PDF) 66 Page - Analog Devices

tên linh kiện ADSP-SC596
Giải thích chi tiết về linh kiện  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 bảng dữ liệu(HTML) 66 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 62Page - Analog Devices ADSP-SC596 Datasheet HTML 63Page - Analog Devices ADSP-SC596 Datasheet HTML 64Page - Analog Devices ADSP-SC596 Datasheet HTML 65Page - Analog Devices ADSP-SC596 Datasheet HTML 66Page - Analog Devices ADSP-SC596 Datasheet HTML 67Page - Analog Devices ADSP-SC596 Datasheet HTML 68Page - Analog Devices ADSP-SC596 Datasheet HTML 69Page - Analog Devices ADSP-SC596 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 134 page
background image
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Rev. PrD
|
Page 66 of 134
|
May 2022
Total Internal Power Dissipation
Total power dissipation has two components:
• Static, including leakage current
• Dynamic, due to transistor switching characteristics for
each clock domain
Many operating conditions can also affect power dissipation,
including temperature, voltage, operating frequency, and pro-
cessor activity. The following equation describes the internal
current consumption.
IDD_INT_TOT = IDD_INT_STATIC + IDD_INT_CCLK_SHARC1_DYN +
IDD_INT_CCLK_SHARC2_DYN +
IDD_INT_CCLK_A55_DYN +
IDD_INT_DCLK_DYN + IDD_INT_SYSCLK_DYN +
IDD_INT_SCLK0_DYN + IDD_INT_SCLK1_DYN +
IDD_INT_OCLK_DYN + IDD_INT_ACCL_DYN +
IDD_INT_DMA_DR_DYN
where IDD_INT_STATIC is the sole contributor to the static power
dissipation component and is specified as a function of voltage
(VDD_INT) and junction temperature (TJ) in Table 24.
The other ten addends in the IDD_INT_TOT equation comprise
the dynamic power dissipation component and fall into four
broad categories: application dependent currents, clock cur-
rents, currents from high speed peripheral operation, and data
transmission currents.
Application Dependent Current
The application dependent currents include the dynamic cur-
rent in the core clock domain of the two SHARC+ cores and the
Arm Cortex-A55, as well as the dynamic current in the accelera-
tor block.
Dynamic current consumed by the core is subject to an activity
scaling factor (ASF) that represents application code running on
the processor core (see Table 25 and Table 26). The ASF is com-
bined with the CCLK frequency and VDD_INT dependent
dynamic current data in Table 27 to calculate this portion of the
total dynamic power dissipation component.
IDD_INT_CCLK_SHARC1_DYN = Table 27 × ASFSHARC1
IDD_INT_CCLK_SHARC2_DYN = Table 27 × ASFSHARC2
IDD_INT_CCLK_A55_DYN = Table 28 × ASFA55
Table 24. Static Current—IDD_INT_STATIC (mA)
TJ (°C)
Voltage (VDD_INT)
0.95 V
1.00 V
1.05 V
–45
TBD
TBD
TBD
–40
TBD
TBD
TBD
–20
TBD
TBD
TBD
–10
TBD
TBD
TBD
0TBD
TBD
TBD
+10
TBD
TBD
TBD
+25
TBD
TBD
TBD
+40
TBD
TBD
TBD
+55
TBD
TBD
TBD
+70
TBD
TBD
TBD
+85
TBD
TBD
TBD
+100
TBD
TBD
TBD
+105
TBD
TBD
TBD
+115
TBD
TBD
TBD
+125
TBD
TBD
TBD
Table 25. Activity Scaling Factors for the SHARC+
® Core 1
and Core 2 (ASFSHARC1 and ASFSHARC2)
IDD_INT Power Vector
ASF
IDD-LS
TBD
IDD-IDLE
TBD
IDD-NOP
TBD
IDD-TYP_3070
TBD
IDD-TYP_5050
TBD
IDD-TYP_7030
TBD
IDD-PEAK_100
TBD
Table 26. Activity Scaling Factors for the Arm
® Cortex®-A55
Core (ASFA55)
IDD_INT Power Vector
ASF
IDD-IDLE
TBD
IDD-DHRYSTONE
TBD
IDD-TYP_2575
TBD
IDD-TYP_5050
TBD
IDD-TYP_7525
TBD
IDD-PEAK_100
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com