công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADSP-SC596 bảng dữ liệu(PDF) 24 Page - Analog Devices

tên linh kiện ADSP-SC596
Giải thích chi tiết về linh kiện  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 bảng dữ liệu(HTML) 24 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 20Page - Analog Devices ADSP-SC596 Datasheet HTML 21Page - Analog Devices ADSP-SC596 Datasheet HTML 22Page - Analog Devices ADSP-SC596 Datasheet HTML 23Page - Analog Devices ADSP-SC596 Datasheet HTML 24Page - Analog Devices ADSP-SC596 Datasheet HTML 25Page - Analog Devices ADSP-SC596 Datasheet HTML 26Page - Analog Devices ADSP-SC596 Datasheet HTML 27Page - Analog Devices ADSP-SC596 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 134 page
background image
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Rev. PrD
|
Page 24 of 134
|
May 2022
ADSP-SC595/SC596/SC598 DETAILED SIGNAL DESCRIPTIONS
Table 9 provides a detailed description of each pin.
Table 9. ADSP-SC595/SC596/SC598 Detailed Signal Descriptions
Signal Name
Direction Description
C1_FLG[n]
InOut
Core 1 FLAGS I/O n. External pins associated with the core FLAGS register on SHARC+ core 1.
C2_FLG[n]
InOut
Core 2 FLAGS I/O n. External pins associated with the core FLAGS register on SHARC+ core 2.
CANFD_RX
Input
Receive. Typically an external CAN transceiver RX output.
CANFD_TX
Output
Transmit. Typically an external CAN transceiver TX input.
CNT_DG
Input
Count Down and Gate. Depending on the mode of operation, this input acts either as a count down
signal or a gate signal.
Count Down—this input causes the GP counter to decrement.
Gate—stops the GP counter from incrementing or decrementing.
CNT_UD
Input
Count Up and Direction. Depending on the mode of operation this input acts either as a count up
signal or a direction signal.
Count Up—this input causes the GP counter to increment.
Direction—selects whether the GP counter is incrementing or decrementing.
CNT_ZM
Input
Count Zero Marker. Input that connects to the zero marker output of a rotary device or detects the
pressing of a pushbutton.
DAI_PIN[nn]
InOut
Pin n. The digital applications interface (DAI0) connects various peripherals to any of the DAI0_PINxx
pins. Programs make these connections using the signal routing unit (SRU/DRU). DRU allows routing
of any signal across the DAIs.
DMC_A[nn]
Output
Address n. Address bus.
DMC_BA[n]
Output
Bank Address Input n. Defines which internal bank an activate, read, write, or precharge command
is applied to on the dynamic memory. Bank Address n also defines which mode registers (MR, EMR,
EMR2, and/or EMR3) load during the load mode register command.
DMC_CAS
Output
Column Address Strobe. Defines the operation for external dynamic memory to perform in
conjunction with other DMC command signals. Connect to the CAS input of dynamic memory.
DMC_CK
Output
Clock. Outputs DCLK to external dynamic memory.
DMC_CK
Output
Clock (Complement). Complement of DMC_CK.
DMC_CKE
Output
Clock Enable. Active high clock enables. Connects to the CKE input of the dynamic memory.
DMC_CS[n]
Output
Chip Select n. Commands are recognized by the memory only when this signal is asserted.
DMC_DQ[nn]
InOut
Data n. Bidirectional data bus.
DMC_LDM
Output
Data Mask for Lower Byte. Mask for DMC_DQ07:DMC_DQ00 write data when driven high. Sampled
on both edges of the data strobe by the dynamic memory.
DMC_LDQS
InOut
Data Strobe for Lower Byte. DMC_DQ07:DMC_DQ00 data strobe. Output with write data. Input with
read data. Can be single-ended or differential depending on register settings.
DMC_LDQS
InOut
Data Strobe for Lower Byte (Complement). Complement of DMC_LDQS. Not used in single-ended
mode.
DMC_ODT
Output
On Die Termination. Enables dynamic memory termination resistances when driven high (assuming
the memory is properly configured). ODT is enabled or disabled regardless of read or write commands.
DMC_RAS
Output
Row Address Strobe. Defines the operation for external dynamic memory to perform in conjunction
with other DMC command signals. Connect to the RAS input of dynamic memory.
DMC_RESET
Output
Reset.
DMC_RZQ
InOut
External Calibration Resistor Connection.
DMC_UDM
Output
Data Mask for Upper Byte. Mask for DMC_DQ15:DMC_DQ08 write data when driven high. Sampled
on both edges of the data strobe by the dynamic memory.
DMC_UDQS
InOut
Data Strobe for Upper Byte. DMC_DQ15:DMC_DQ08 data strobe. Output with write data. Input with
read data. Can be single-ended or differential depending on register settings.
DMC_UDQS
InOut
Data Strobe for Upper Byte (Complement). Complement of DMC_UDQS. Not used in single-ended
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com