| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADSP-SC596 bảng dữ liệu(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC596 bảng dữ liệu(HTML) 5 Page - Analog Devices |
|
5 / 134 page ![]() ADSP-SC595/SC596/SC598 Preliminary Technical Data Rev. PrD | Page 5 of 134 | May 2022 ARM CORTEX-A55 PROCESSOR The Arm Cortex-A55 processor is featured on the ADSP- SC595/SC596/SC598 processors. This section will be fully popu- lated in a subsequent revision to this document. SHARC PROCESSOR The SHARC processor integrates a SHARC+ SIMD core, L1 memory crossbar, I-cache/D-cache controller, L1 memory blocks, and the requester/completer ports, as shown in Figure 2. The SHARC+ SIMD core block diagram is shown in Figure 3. The SHARC processor supports a modified Harvard architec- ture in combination with a hierarchical memory structure. L1 memories typically operate at the full processor speed with little or no latency. L1 Memory Figure 4 shows the ADSP-SC595/SC596/SC598 memory map. Each SHARC+ core has a tightly coupled 5 Mb L1 SRAM. Each SHARC+ core can access code and data in a single cycle from this memory space. The Arm Cortex-A55 core can also access this memory space with multicycle accesses. In the SHARC+ core private address space, both cores have L1 memory. SHARC+ core memory-mapped register (CMMR) address space is 0x00000000 through 0x0003FFFF in normal word (32-bit). Each block can be configured for different combina- tions of code and data storage. Of the 5 Mb SRAM, up to 1 Mb can be configured for data memory (DM), program memory (PM), and instruction cache. Each memory block supports sin- gle-cycle, independent accesses by the core processor and I/O processor. The memory architecture, in combination with its separate on-chip buses, allows two data transfers from the core and one from the direct memory access (DMA) engine in a single cycle. The SRAM of the processor can be configured as a maximum of 160k words of 32-bit data, 320k words of 16-bit data, 106.7k words of 48-bit instructions (or 40-bit data), or combi- nations of different word sizes up to 5 Mb. All of the memory can be accessed as 8-bit, 16-bit, 32-bit, 48-bit, or 64-bit words. Support of a 16-bit floating-point storage format doubles the amount of data that can be stored on chip. Conversion between the 32-bit floating-point and 16-bit float- ing-point formats is performed in a single instruction. Whereas each memory block can store combinations of code and data, Figure 2. SHARC Processor Block Diagram B3 RAM I-CACHE B2 RAM P-CACHE B2 RAM P-CACHE B1 RAM D-CACHE B2 RAM P-CACHE B2 RAM P-CACHE B2 RAM D-CACHE B2 RAM P-CACHE B2 RAM P-CACHE B0 RAM I/O (32) INTERNAL MEMORY INTERFACE (IMIF) I-CACHE/D-CACHE CONTROL SHARC+ SIMD CORE COMPLETER PORT 1 CORE MMR DM (64) PM (64) PS (64/48) (32) REQUESTER PORT INSTRUCTION REQUESTER PORT DATA I/O (32) CMD (64) CMI (64) SYSTEM FABRIC SYSCLK DOMAIN INTERRUPT SYSTEM EVENT CONTROLLER S SIMD Processor CCLK DOMAIN ® COMPLETER PORT 2 (MDMA AND ACCELERATORS) I/O (32) I/O (32) |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |