| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADSP-SC596 bảng dữ liệu(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC596 bảng dữ liệu(HTML) 14 Page - Analog Devices |
|
14 / 134 page ![]() ADSP-SC595/SC596/SC598 Preliminary Technical Data Rev. PrD | Page 14 of 134 | May 2022 SAFETY FEATURES The ADSP-SC595/SC596/SC598 processors are designed to support functional safety applications. Whereas the level of safety is mainly dominated by the system concept, the following primitives are provided by the processors to build a robust safety concept. Multiparity Bit Protected SHARC+ Core L1 Memories In the SHARC+ core L1 memory space, whether SRAM or cache, multiple parity bits protect each word to detect the single event upsets that occur in all RAMs. Parity also protects the cache tags and BTB. Error Correcting Code (ECC) Protected L2 Memories Error correcting code (ECC) corrects single event upsets. A sin- gle error correct/double error detect (SEC/DED) code protects the L2 memory. By default, ECC is enabled, but it can be dis- abled on a per bank basis. Single-bit errors correct transparently. If enabled, dual-bit errors can issue a system event or fault. ECC protection is fully transparent to the user, even if L2 memory is read or written by 8-bit or 16-bit entities. ECC and Parity Protected Arm L1/L2 Cache The Arm Cortex-A55 core cache memory protection scheme features 1-bit error detection in the L1 instruction cache, as well as 2-bit error detection and 1-bit error correction in both the L1 data cache and L2 cache. Additionally, the corresponding cache tags are parity-protected. Parity and ECC Protected Peripheral Memories Parity protection is added to the following peripheral memories: •ASRC • IIR •FIR •USB •CRYPTO • EMAC •MLB •TRACE CAN FD memory is ECC protected. Cyclic Redundancy Check (CRC) Protected Memories Whereas parity bit and ECC protection mainly protect against random soft errors in L1 and L2 memory cells, the CRC engines can protect against systematic errors (pointer errors) and static content (instruction code) of L1, L2, and even Level 3 (L3) memories (DDR3, DDR3L). The processors feature four CRC engines that are embedded in the memory to memory DMA controllers. CRC checksums can be calculated or compared automatically during memory transfers. Alternatively, single or multiple memory regions can be continuously scrubbed by a single DMA work unit as per DMA descriptor chain instructions. The CRC engine also protects data loaded during the boot process. Signal Watchdogs The 16 general-purpose (GP) timers feature modes to monitor off-chip signals. The watchdog period mode monitors whether external signals toggle with a period within an expected range. The watchdog width mode monitors whether the pulse widths of external signals are within an expected range. Both modes help detect undesired toggling or lack of toggling of system level signals. System Event Controller (SEC) Besides system events, the system event controller (SEC) further supports fault management, including fault action configura- tion as timeout, internal indication by system interrupt, or external indication through the SYS_FAULT pin and system reset. Memory Error Controller (MEC) The memory error controller (MEC) manages memory par- ity/ECC errors and warnings from the cores and peripherals and sends out interrupts and triggers. PROCESSOR PERIPHERALS The following sections describe the peripherals of the ADSP- SC595/SC596/SC598 processors. Dynamic Memory Controller (DMC) The 16-bit dynamic memory controller (DMC) interfaces to • DDR3 (JESD79-3), 512 Mb to 8 Gb • DDR3L (JESD79-3-1A), 512 Mb to 8 Gb See Table 6 for the DMC memory map. Digital Audio Interface (DAI) The processors support two identical digital audio interface (DAI) units. The DAI can connect various peripherals to any of the DAI pins. The application code makes these connections using the signal routing unit (SRU), shown in Figure 1. The SRU is a matrix routing unit (or group of multiplexers) that enables the peripherals provided by each DAI instance to inter- connect under software control. This functionality allows easy use of the DAI associated peripherals for a wider variety of applications by using a larger set of algorithms than is possible with nonconfigurable signal paths. The DAI includes the peripherals described in the following sections (SPORTs, ASRC, S/PDIF, and PCG). DAI Pin Buffer 20 and DAI Pin Buffer 19 can change the polarity of the input signals. The DAI_PINx pin buffers can also be used as GPIO pins. DAI input signals allow the triggering of interrupts on the rising edge, falling edge, or both. See the Digital Audio Interface (DAI) chapter of the ADSP- SC595/SC596/SC598 SHARC+ Processor Hardware Reference for complete information on the use of the DAIs and SRUs. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |