| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADSP-SC596 bảng dữ liệu(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC596 bảng dữ liệu(HTML) 8 Page - Analog Devices |
|
8 / 134 page ![]() ADSP-SC595/SC596/SC598 Preliminary Technical Data Rev. PrD | Page 8 of 134 | May 2022 Core Timer Each SHARC+ processor core includes an extra timer. This extra timer is clocked by the internal processor clock and is typ- ically used as a system tick clock for generating periodic operating system interrupts. Data Register File Each processing element contains a general-purpose data regis- ter file. The register files transfer data between the computation units and the data buses, and store intermediate results. These 10-port, 32-register register files (16 primary, 16 secondary), combined with the enhanced Harvard architecture of the pro- cessor, allow unconstrained data flow between computation units and internal memory. The registers in the PEx data regis- ter file are referred to as R0–R15 and in the PEy data register file as S0–S15. Context Switch Many of the registers of the processor have secondary registers that can activate during interrupt servicing for a fast context switch. The data, DAG, and multiplier result registers have sec- ondary registers. The primary registers are active at reset, whereas control bits in MODE1 activate the secondary registers. Universal Registers General-purpose tasks use the universal registers. The four uni- versal status (USTAT) registers allow easy bit manipulations (set, clear, toggle, test, XOR) for all control and status peripheral registers. The data bus exchange register (PX) permits data to pass between the 64-bit PM data bus and the 64-bit DM data bus or between the 40-bit register file and the PM or DM data bus. These registers contain hardware to handle the data width difference. Data Address Generators (DAG) With Zero Overhead Hardware Circular Buffer Support For indirect addressing and implementing circular data buffers in hardware, the ADSP-SC595/SC596/SC598 processors use two data address generators (DAGs). Circular buffers allow efficient programming of delay lines and other data structures required in digital signal processing and are commonly used in digital fil- ters and fast Fourier transforms (FFT). The DAGs contain sufficient registers to allow the creation of up to 32 circular buf- fers (16 primary register sets and 16 secondary sets). The DAGs automatically handle address pointer wraparound, reduce over- head, increase performance, and simplify implementation. Circular buffers can start and end at any memory location. Flexible Instruction Set Architecture (ISA) The flexible instruction set architecture (ISA), a 48-bit instruc- tion word, accommodates various parallel operations for concise programming. For example, the processors can condi- tionally execute a multiply, an add, and a subtract in both processing elements while branching and fetching up to four 32-bit values from memory—all in a single instruction. Additionally, the double-precision floating-point instruction set is new to the SHARC+ core, as compared with the previous SHARC core. Variable Instruction Set Architecture (VISA) In addition to supporting the standard 48-bit instructions from previous SHARC core processors, the SHARC+ core processors support 16-bit and 32-bit opcodes for many instructions, for- merly 48-bit in the ISA. This variable instruction set architecture (VISA) feature drops redundant or unused bits within the 48-bit instruction to create more efficient and com- pact code. The program sequencer supports fetching these 16-bit and 32-bit instructions from both internal and external memories. VISA is not an operating mode; rather, it is address dependent (refer to the ISA/VISA address spaces in Table 5). Finally, the processor allows jumps between ISA and VISA instruction fetches. Single-Cycle Fetch of Instructional Four Operands The ADSP-SC595/SC596/SC598 processors feature an enhanced Harvard architecture in which the DM bus transfers data and the PM bus transfers both instructions and data. With the separate program memory bus, data memory buses, and on-chip instruction conflict cache, the processor can simul- taneously fetch four operands (two over each data bus) and one instruction from the conflict cache in a single cycle. Core Event Controller (CEC) The SHARC+ core event controller (CEC) can be configured to service various interrupts generated by the core (including arithmetic and circular buffer instruction flow exceptions) and system event controller (SEC) events (peripheral interrupt request, debug or monitor, and software-raised), responding only to interrupts enabled in the IMASK register. The output of the SEC is forwarded to the CEC to respond directly to any enabled system interrupts. For all SEC channels, the processor automatically stacks the arithmetic status (ASTATx and ASTATy) registers and mode (MODE1) register in parallel with interrupt servicing. Instruction Conflict Cache The processors include a 32-entry instruction cache that enables three-bus operation for fetching an instruction and four data values. The cache is selective—only the instructions that require fetches conflict with the PM bus data access cache. This cache allows full speed execution of core looped operations, such as digital filter multiply accumulates and FFT butterfly processing. The conflict cache serves for on-chip bus conflicts only. Branch Target Buffer (BTB)/Branch Predictor (BP) Implementation of a hardware-based branch predictor (BP) and branch target buffer (BTB) reduce branch delay. The program sequencer supports efficient branching using the BTB for condi- tional and unconditional instructions. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |