| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADSP-SC596 bảng dữ liệu(PDF) 26 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC596 bảng dữ liệu(HTML) 26 Page - Analog Devices |
|
26 / 134 page ![]() ADSP-SC595/SC596/SC598 Preliminary Technical Data Rev. PrD | Page 26 of 134 | May 2022 JTG_TMS Input JTAG Mode Select. JTAG test access port mode select. JTG_TRST Input JTAG Reset. JTAG test access port reset. LP_ACK InOut Acknowledge. Provides handshaking. When the link port is configured as a receiver, ACK is an output. When the link port is configured as a transmitter, ACK is an input. LP_CLK InOut Clock. When the link port is configured as a receiver, CLK is an input. When the link port is configured as a transmitter, CLK is an output. LP_D[n] InOut Data n Data bus. Input when receiving, output when transmitting. MLB_CLK Input Single Ended Clock. MLB_CLKN Input Differential Clock (–). MLB_CLKOUT Output Single Ended Clock Out. MLB_CLKP Input Differential Clock (+). MLB_DAT InOut Single Ended Data. MLB_DATN InOut Differential Data (–). MLB_DATP InOut Differential Data (+). MLB_SIG InOut Single Ended Signal. MLB_SIGN InOut Differential Signal (–). MLB_SIGP InOut Differential Signal (+). OSPI_CLK Output Clock Output. SPI master clock output. OSPI_D2 InOut Data 2. Transfers serial data in quad and octal mode. OSPI_D3 InOut Data 3. Transfers serial data in quad and octal mode. OSPI_D4 InOut Data 4. Transfers serial data in octal mode. OSPI_D5 InOut Data 5. Transfers serial data in octal mode. OSPI_D6 InOut Data 6. Transfers serial data in octal mode. OSPI_D7 InOut Data 7. Transfers serial data in octal mode. OSPI_DQS Input Data Strobe. Data strobe input from an external flash device. OSPI_MISO InOut Master In, Slave Out. Transfers serial data. Operates in the same direction as OSPI_MOSI in dual, quad, and octal modes. OSPI_MOSI InOut Master Out, Slave Input. Transfers serial data. Operates in the same direction as SPI_MISO in dual, quad, and octal modes. OSPI_SEL[n] Output Slave Select Output n. Used in master mode to enable the desired slave. PPI_CLK InOut Clock. Input in external clock mode, output in internal clock mode. PPI_D[nn] InOut Data n. Bidirectional data bus. PPI_FS1 InOut Frame Sync 1 (HSYNC). Behavior depends on EPPI mode. See the EPPI chapter of the ADSP-SC595/SC596/SC598 SHARC+ Processor Hardware Reference for more details. PPI_FS2 InOut Frame Sync 2 (VSYNC). Behavior depends on EPPI mode. See the EPPI chapter of the ADSP-SC595/SC596/SC598 SHARC+ Processor Hardware Reference for more details. PPI_FS3 InOut Frame Sync 3 (FIELD). Behavior depends on EPPI mode. See the EPPI chapter of the ADSP-2159x/ADSP-SC59x SHARC+ Processor Hardware Reference for more details. P_[nn] InOut Position n. General-purpose input/output. See the GP Ports chapter of the ADSP-SC595/SC596/SC598 SHARC+ Processor Hardware Reference for more details. SPI_CLK InOut Clock. Input in slave mode, output in master mode. SPI_D2 InOut Data 2. Transfers serial data in quad mode. Open-drain when ODM mode is enabled. SPI_D3 InOut Data 3. Transfers serial data in quad mode. Open-drain when ODM mode is enabled. SPI_MISO InOut Master In, Slave Out. Transfers serial data. Operates in the same direction as SPI_MOSI in dual and quad modes. Open-drain when ODM mode is enabled. SPI_MOSI InOut Master Out, Slave In. Transfers serial data. Operates in the same direction as SPI_MISO in dual and quad modes. Open-drain when ODM mode is enabled. SPI_RDY InOut Ready. Optional flow signal. Output in slave mode, input in master mode. Table 9. ADSP-SC595/SC596/SC598 Detailed Signal Descriptions (Continued) Signal Name Direction Description |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |