công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADSP-SC596 bảng dữ liệu(PDF) 95 Page - Analog Devices

tên linh kiện ADSP-SC596
Giải thích chi tiết về linh kiện  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC596 bảng dữ liệu(HTML) 95 Page - Analog Devices

Back Button ADSP-SC596 Datasheet HTML 91Page - Analog Devices ADSP-SC596 Datasheet HTML 92Page - Analog Devices ADSP-SC596 Datasheet HTML 93Page - Analog Devices ADSP-SC596 Datasheet HTML 94Page - Analog Devices ADSP-SC596 Datasheet HTML 95Page - Analog Devices ADSP-SC596 Datasheet HTML 96Page - Analog Devices ADSP-SC596 Datasheet HTML 97Page - Analog Devices ADSP-SC596 Datasheet HTML 98Page - Analog Devices ADSP-SC596 Datasheet HTML 99Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 134 page
background image
Rev. PrD
|
Page 95 of 134
|
May 2022
ADSP-SC595/SC596/SC598
Preliminary Technical Data
Precision Clock Generator (PCG) (Direct Pin Routing)
This timing is only valid when the SRU is configured such that the precision clock generator (PCG) takes inputs directly from the DAI
pins (via pin buffers) and sends outputs directly to the DAI pins. For the other cases, where the PCG inputs and outputs are not directly
routed to/from DAI pins (via pin buffers), there is no timing data available. All timing parameters and switching characteristics apply to
external DAI pins (DAI0_PINx).
Table 57. PCG (Direct Pin Routing)
All specifications are based on simulation data and are subject to change without notice.
Parameter
Min
Max
Unit
Timing Requirements
tPCGIP
Input Clock Period
tSCLK0 × 2
ns
tSTRIG
PCG Trigger Setup Before Falling Edge of PCG Input
Clock
4.5
ns
tHTRIG
PCG Trigger Hold After Falling Edge of PCG Input
Clock
3ns
Switching Characteristics
tDPCGIO
PCG Output Clock and Frame Sync Active Edge Delay
After PCG Input Clock
211
ns
tDTRIGCLK
PCG Output Clock Delay After PCG Trigger
2 + (2.5 × tPCGIP)
13.5 + (2.5 × tPCGIP)ns
tDTRIGFS
1
1 D = FSxDIV, PH = FSxPHASE. For more information, see the ADSP-SC595/SC596/SC598 SHARC+ Processor Hardware Reference.
PCG Frame Sync Delay After PCG Trigger
2.5 + ((2.5 + D – PH) × tPCGIP)
13.5 + ((2.5 + D – PH) × tPCGIP)ns
tPCGOW
2
2 Normal mode of operation.
Output Clock Period
2 × tPCGIP – 1
ns
Figure 28. PCG (Direct Pin Routing)
DAI0_PIN20–1
PCG_TRIGx_I
DAI0_PIN20–1
PCG_EXTx_I
(CLKIN)
DAI0_PIN20–1
PCG_CLKx_O
DAI0_PIN20–1
PCG_FSx_O
tDTRIGFS
tDTRIGCLK
tDPCGIO
tSTRIG
tHTRIG
tPCGOW
tDPCGIO
tPCGIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com