| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADC32RF83 bảng dữ liệu(PDF) 59 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ADC32RF83 bảng dữ liệu(HTML) 59 Page - Texas Instruments |
|
59 / 138 page ![]() 59 ADC32RF80, ADC32RF83 www.ti.com SBAS774A – MAY 2016 – REVISED DECEMBER 2016 Product Folder Links: ADC32RF80 ADC32RF83 Submit Documentation Feedback Copyright © 2016, Texas Instruments Incorporated 8.4.2.5 JESD204B Frame Assembly with Decimation (Single-Band DDC): Real Output Table 19 lists the available JESD204B formats and valid ranges for the ADC32RF8x with decimation (dual-band DDC) when using a complex output format. The sample alignment on the different lanes is shown in Table 20. Table 19. JESD Mode Options: Single-Band Real Output DECIMATION SETTING (Complex) NUMBER OF ACTIVE DDCS L M F S PLL MODE JESD MODE0 JESD MODE1 JESD MODE2 RATIO [fSerDes / fCLK (Gbps / GSPS)] Divide-by-8 (Divide-by-4 real) 1 per channel 4 2 1 1 20X 1 1 0 2.5 4 2 2 2 20X 1 0 0 2 2 2 1 40X 0 0 1 5 2 2 4 2 40X 2 0 0 Divide-by-9 (Divide-by-4.5 real) 1 per channel 4 2 1 1 20X 1 1 0 2.22 4 2 2 2 20X 1 0 0 2 2 2 1 40X 0 0 1 4.44 2 2 4 2 40X 2 0 0 Divide-by-10 (Divide-by-5 real) 1 per channel 4 2 1 1 20X 1 1 0 2 4 2 2 2 20X 1 0 0 2 2 2 1 40X 0 0 1 4 2 2 4 2 40X 2 0 0 Divide-by-12 (Divide-by-6 real) 1 per channel 4 2 1 1 20X 1 1 0 1.67 4 2 2 2 20X 1 0 0 2 2 2 1 40X 0 0 1 3.33 2 2 4 2 40X 2 0 0 Divide-by-16 (Divide-by-8 real) 1 per channel 4 2 1 1 20X 1 1 0 1.25 4 2 2 2 20X 1 0 0 2 2 2 1 40X 0 0 1 2.5 2 2 4 2 40X 2 0 0 Divide-by-18 (Divide-by-9 real) 1 per channel 4 2 1 1 20X 1 1 0 1.11 4 2 2 2 20X 1 0 0 2 2 2 1 40X 0 0 1 2.22 2 2 4 2 40X 2 0 0 Divide-by-20 (Divide-by-10 real) 1 per channel 4 2 1 1 20X 1 1 0 1 4 2 2 2 20X 1 0 0 2 2 2 1 40X 0 0 1 2 2 2 4 2 40X 2 0 0 Divide-by-24 (Divide-by-12 real) 1 per channel 2 2 2 1 40X 0 0 1 1.67 2 2 4 2 40X 2 0 0 Divide-by-32 (Divide-by-16 real) 1 per channel 2 2 2 1 40X 0 0 1 1.25 2 2 4 2 40X 2 0 0 Table 20. JESD Sample Lane Assignment: Single-Band Real Output OUTPUT LANE LMFS = 4211 LMFS = 4222 LMFS = 2221 LMFS = 2242 DA0 A0[15:8] A0[15:8] A0[7:0] DA1 A0[7:0] A1[15:8] A1[7:0] A0 [15:8] A0[7:0] A0[15:8] A0[7:0] A1[15:8] A1[7:0] DB0 B0[15:8] B0[15:8] B0[7:0] DB1 B0[7:0] B1[15:8] B1[7:0] B0[15:8] B0[7:0] B0[15:8] B0[7:0] B1[15:8] B1[7:0] |