| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SW4STM32C bảng dữ liệu(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SW4STM32C bảng dữ liệu(HTML) 32 Page - STMicroelectronics |
|
32 / 99 page ![]() Connecting to the board AN4989 32/99 DocID030181 Rev 2 4.2.2 IAR™ EWARM Reset and Connection mode are seen as a single reset mode option as shown in Figure 19. Figure 19. Reset Mode in IAR8.10: screenshot • System (default):Normal Connection. Software System Reset prior to jump at main. • Core:Normal Connection. Software Core Reset prior to jump at main. • Software:Normal Connection. No Reset prior to jump and stop at main. • Hardware: Normal Connection. Assert NRST MCU pin prior to jump to main. • Connect during reset: Connection while asserted Hardware NRST. Hotplug connection is accessible with "Attach to running Target" function in project menu. |