công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SW4STM32C bảng dữ liệu(PDF) 92 Page - STMicroelectronics

tên linh kiện SW4STM32C
Giải thích chi tiết về linh kiện  STM32 microcontroller debug toolbox
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SW4STM32C bảng dữ liệu(HTML) 92 Page - STMicroelectronics

Back Button SW4STM32C Datasheet HTML 88Page - STMicroelectronics SW4STM32C Datasheet HTML 89Page - STMicroelectronics SW4STM32C Datasheet HTML 90Page - STMicroelectronics SW4STM32C Datasheet HTML 91Page - STMicroelectronics SW4STM32C Datasheet HTML 92Page - STMicroelectronics SW4STM32C Datasheet HTML 93Page - STMicroelectronics SW4STM32C Datasheet HTML 94Page - STMicroelectronics SW4STM32C Datasheet HTML 95Page - STMicroelectronics SW4STM32C Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 99 page
background image
Managing various targets on the same PC
AN4989
92/99
DocID030181 Rev 2
Appendix C
Managing various targets on the same PC
This appendix provides hints to identify and control the connection to a specific target
among several ones using ST-LINK probe.
Each ST-LINK connection is identified by a serial number.
In order to correlate a serial number with a board, it is advised to use the ST-LINK utility.
Open the setting pane (Target -> Settings).
At the top of the screen, the serial number pick list contains all connected ST-LINK probes.
By selecting one, access to the target is generated, making blinking of the related ST-LINK
LED switch from red to green.
Figure 70. ST-LINK utility target selection pick list
Once the target is identified, it is possible to copy the S/N from the console in the clip-board
as shown in Figure 71.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99