| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SW4STM32C bảng dữ liệu(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SW4STM32C bảng dữ liệu(HTML) 64 Page - STMicroelectronics |
|
64 / 99 page ![]() Printf debugging AN4989 64/99 DocID030181 Rev 2 Figure 44. IAR™ SWO Clock setting Once configured, IAR™ properly sets TRACE_IOEN and TRACE_MODE and configures the related GPIO. SWO printf occurrences are visible in Terminal I/O windows. Port Stimulus 0 is used by printf and scanf. It is not configurable. Keil® MDK-ARM µVISION: In MDK-ARM it is required to redirect printf to SWO by some piece of code following same model as for UART (Refer to Section 7.2: Printf via UART on page 59) #include "stdio.h" int fputc(int ch, FILE *f) { ITM_SendChar(ch); return(ch); } Keil® must be properly configured for the SWO communication to be properly set. An example is given in Figure 45. In Projet Option -> Debug -> Probe Settings -> Trace Pane: 1. Tick Trace Enable 2. Enter correct Core Clock 3. Enable ITM Stimulus Port 0 |