| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SW4STM32C bảng dữ liệu(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SW4STM32C bảng dữ liệu(HTML) 63 Page - STMicroelectronics |
|
63 / 99 page ![]() DocID030181 Rev 2 63/99 AN4989 Printf debugging 98 IAR™ EWARM IAR™ EWARM provides an integrated access to SWO. Redirection of printf and scanf is possible using Library Configuration options as shown in Figure 43. Figure 43. Semihosting/SWO configuration with IAR™ Care must be taken that clock setup is correct by using ST-LINK -> Communication Pane as illustrated in Figure 44. |