công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SW4STM32C bảng dữ liệu(PDF) 13 Page - STMicroelectronics

tên linh kiện SW4STM32C
Giải thích chi tiết về linh kiện  STM32 microcontroller debug toolbox
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SW4STM32C bảng dữ liệu(HTML) 13 Page - STMicroelectronics

Back Button SW4STM32C Datasheet HTML 9Page - STMicroelectronics SW4STM32C Datasheet HTML 10Page - STMicroelectronics SW4STM32C Datasheet HTML 11Page - STMicroelectronics SW4STM32C Datasheet HTML 12Page - STMicroelectronics SW4STM32C Datasheet HTML 13Page - STMicroelectronics SW4STM32C Datasheet HTML 14Page - STMicroelectronics SW4STM32C Datasheet HTML 15Page - STMicroelectronics SW4STM32C Datasheet HTML 16Page - STMicroelectronics SW4STM32C Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 99 page
background image
DocID030181 Rev 2
13/99
AN4989
STM32 ecosystem outlines
98
2.1.2
ST-LINK probe
The ST-LINK is the JTAG/Serial Wire Debug (SWD) interface used to communicate with any
STM32 microcontroller located on an application board.
It is available as:
•
Stand-alone in-circuit debugger
•
Embedded in all STM32 hardware kits (Nucleo boards, Discovery kits, EVAL boards)
Figure 5 shows the first ST-LINK version on the left and the ST-LINK/V2 and ST-LINK/V2-
ISOL stand-alone probes on the right.
Figure 5. ST-LINK, ST-LINK/V2, and ST-LINK/V2-ISOL stand-alone probes
Figure 6 shows an example of an embedded ST-LINK/V2 as part of a Nucleo board.
Figure 6. On-board ST-LINK/V2 on Nucleo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99