| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SW4STM32C bảng dữ liệu(PDF) 81 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SW4STM32C bảng dữ liệu(HTML) 81 Page - STMicroelectronics |
|
81 / 99 page ![]() DocID030181 Rev 2 81/99 AN4989 Managing DBGMCU registers 98 IAR™ EWARM Read/Write of DBGMCU registers is possible through the register window as shown in Figure 59: Figure 59. Access to DBGMCU register with IAR™ In case a more permanent setup is required EWARM C-SPY® debugger macros enable to define execUserSetup(), which is executed at debugger start prior to program execution. Figure 60 shows the Project Option Debugger -> Setup Pane. |