| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SW4STM32C bảng dữ liệu(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SW4STM32C bảng dữ liệu(HTML) 49 Page - STMicroelectronics |
|
49 / 99 page ![]() DocID030181 Rev 2 49/99 AN4989 Exception handling 98 6.2 Custom Handlers One way to generate templates of Handler functions is to use STM32CubeMX. In Configuration -> NVIC Configuration -> Code Generation, use Generate IRQ handler tick boxes as shown in Figure 31. Figure 31. Asking for Handler code generation When Non maskable interrupt and Hard fault interrupt are selected, the following code is generated: void NMI_Handler(void) { /* USER CODE BEGIN NonMaskableInt_IRQn 0 */ /* USER CODE END NonMaskableInt_IRQn 0 */ /* USER CODE BEGIN NonMaskableInt_IRQn 1 */ /* USER CODE END NonMaskableInt_IRQn 1 */ } /** * @brief This function handles Hard fault interrupt. */ void HardFault_Handler(void) { /* USER CODE BEGIN HardFault_IRQn 0 */ /* USER CODE END HardFault_IRQn 0 */ while (1) { } /* USER CODE BEGIN HardFault_IRQn 1 */ /* USER CODE END HardFault_IRQn 1 */ } |