| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SW4STM32C bảng dữ liệu(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SW4STM32C bảng dữ liệu(HTML) 8 Page - STMicroelectronics |
|
8 / 99 page ![]() Foreword AN4989 8/99 DocID030181 Rev 2 1 Foreword 1.1 Software versions The various examples in this application note are illustrated on basis of the following versions of the tools: • IAR™ EWARM: V8.10.1 • Keil® MDK-ARM µVision: V5.22 • SW4STM32: V2.0.0 • ST-LINK utility: V4.0.0 1.2 Acronyms • AN: Application note • CMSIS: Cortex microcontroller software interface standard • HAL: Hardware abstraction layer (software library) • IDE: Integrated development environment • JTAG: Joint Test Action Group • MCO: Microcontroller clock output • MCU: Microcontroller unit • NVIC: Nested vector interrupt controller • PM: Programming manual • RM: Reference manual • SB: Solder bridge • SWD: Serial wire debug • SWO: Single wire output • SWV: Single wire viewer • VCP: Virtual-COM port |