| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SW4STM32C bảng dữ liệu(PDF) 76 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SW4STM32C bảng dữ liệu(HTML) 76 Page - STMicroelectronics |
|
76 / 99 page ![]() From debug to release AN4989 76/99 DocID030181 Rev 2 9 From debug to release It is important to have in mind that most of technics presented in this AN and suitable for debugging have to be properly cleaned to prevent problem while releasing the application. The following action list can be used as a checklist helping to avoid the most common problems: • Remove software BKPT instructions or take care to let them inside #ifdef DEBUG statements. • Ensure printf() uses available data path on final product. Semihosting and SWO cause hardfault otherwise. • Reestablish Code Optimization level. • Implement proper Fault Handlers. • Reset DBGMCU registers to default. |