công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SW4STM32C bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện SW4STM32C
Giải thích chi tiết về linh kiện  STM32 microcontroller debug toolbox
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SW4STM32C bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button SW4STM32C Datasheet HTML 7Page - STMicroelectronics SW4STM32C Datasheet HTML 8Page - STMicroelectronics SW4STM32C Datasheet HTML 9Page - STMicroelectronics SW4STM32C Datasheet HTML 10Page - STMicroelectronics SW4STM32C Datasheet HTML 11Page - STMicroelectronics SW4STM32C Datasheet HTML 12Page - STMicroelectronics SW4STM32C Datasheet HTML 13Page - STMicroelectronics SW4STM32C Datasheet HTML 14Page - STMicroelectronics SW4STM32C Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 99 page
background image
DocID030181 Rev 2
11/99
AN4989
STM32 ecosystem outlines
98
Discovery kits
STM32 Discovery kits are a cheap and complete solution for the evaluation of the
outstanding capabilities of STM32 MCUs. They carry the necessary infrastructure for
demonstration of specific device characteristics, the HAL library, and comprehensive
software examples allow to fully benefit from the devices features and added values.
Figure 3. Discovery board example
Extension connectors give access to most of the device's I/Os and make the connection of
add-on hardware possible.
With the integrated debugger/programmer the Discovery kits are ideal for prototyping.
A complete description of the embedded ST-LINK features is provided in Section 2.1.2: ST-
LINK probe on page 13. Additional information and access to Discovery kits complete
documentation sets are available at www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99