| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SW4STM32C bảng dữ liệu(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SW4STM32C bảng dữ liệu(HTML) 50 Page - STMicroelectronics |
|
50 / 99 page ![]() Exception handling AN4989 50/99 DocID030181 Rev 2 This simple declaration overriding the default weak function,removes ambiguity and clarifies the call stack. In order to trap the exception, a hardware or a software breakpoint can be set in the IDE or directly programmed in the source code using ARM® instruction BKPT. Caution: BKPT is not tolerated if no debugger is connected (refer to Chapter 9: From debug to release on page 76). it is advised to set it under #ifdef statement. In-line insertion of assembly instruction in application C code depends on the IDE. • IAR™ and SW4STM32 void NMI_Handler(void) { #ifdef DEBUG asm ("BKPT 0"); #endif } • Keil® void NMI_Handler(void) { #ifdef DEBUG __asm { BKPT 0 } #endif } For each IDE, it is also possible to use the abstraction function defined in the CMSIS library and provided in STM32Cube software pack. void NMI_Handler(void) { #ifdef DEBUG __BKPT(0); #endif } In all cases, the Halt Debug-Mode is entered; it allows to investigate the issue by inspecting Call Stack and Registers content. Tip: On Keil® MDK-ARM µVISION, the caller code is not directly accessible in the Call Stack Window. Right clicking "Show Caller Code" as in Figure 32 leads to the faulty line. |