công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SW4STM32C bảng dữ liệu(PDF) 23 Page - STMicroelectronics

tên linh kiện SW4STM32C
Giải thích chi tiết về linh kiện  STM32 microcontroller debug toolbox
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SW4STM32C bảng dữ liệu(HTML) 23 Page - STMicroelectronics

Back Button SW4STM32C Datasheet HTML 19Page - STMicroelectronics SW4STM32C Datasheet HTML 20Page - STMicroelectronics SW4STM32C Datasheet HTML 21Page - STMicroelectronics SW4STM32C Datasheet HTML 22Page - STMicroelectronics SW4STM32C Datasheet HTML 23Page - STMicroelectronics SW4STM32C Datasheet HTML 24Page - STMicroelectronics SW4STM32C Datasheet HTML 25Page - STMicroelectronics SW4STM32C Datasheet HTML 26Page - STMicroelectronics SW4STM32C Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 99 page
background image
DocID030181 Rev 2
23/99
AN4989
Compiling for debug
98
3
Compiling for debug
This chapter reviews the various options for debug-friendly compiling solutions.
3.1
Optimization
Compiler are usually configured by default to optimize performance and/or code size. In
most cases, this reduces or even prevents program debugging.
The most common symptoms resulting from code optimization are:
•
Problem to set or reach a breakpoint. Some lines are not accessible.
•
Impossibility to evaluate a variable (watch feature).
•
Inconsistency while stepping (what I get, is not what I see).
Therefore, for efficient debugging it is recommended to modify the code optimization option.
3.1.1
IAR™ EWARM
In Project option -> C/C++Compiler -> Optimization
Figure 10. IAR™ EWARM Optimization option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99