công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SW4STM32C bảng dữ liệu(PDF) 95 Page - STMicroelectronics

tên linh kiện SW4STM32C
Giải thích chi tiết về linh kiện  STM32 microcontroller debug toolbox
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SW4STM32C bảng dữ liệu(HTML) 95 Page - STMicroelectronics

Back Button SW4STM32C Datasheet HTML 91Page - STMicroelectronics SW4STM32C Datasheet HTML 92Page - STMicroelectronics SW4STM32C Datasheet HTML 93Page - STMicroelectronics SW4STM32C Datasheet HTML 94Page - STMicroelectronics SW4STM32C Datasheet HTML 95Page - STMicroelectronics SW4STM32C Datasheet HTML 96Page - STMicroelectronics SW4STM32C Datasheet HTML 97Page - STMicroelectronics SW4STM32C Datasheet HTML 98Page - STMicroelectronics SW4STM32C Datasheet HTML 99Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 95 / 99 page
background image
DocID030181 Rev 2
95/99
AN4989
Managing various targets on the same PC
98
Keil® MDK-ARM µVision
The list of connected targets is visible in ST-LINK debug pane (Options -> Debug -> ST-
LINK -> Settings -> Debug Pane) as presented in Figure 75.
Figure 75. Keil® ST-LINK selection
In the Debug Adapter section, the pick list allows to select among all connected targets.
At selection it can be observed a brief activity of the ST-LINK LED of the related board and
the Serial Number is displayed.
The selection is stored for the next connections.
SW4STM32
It is possible to force the connection to a specific target using the ST-LINK S/N. In Debug
Configurations -> Debugger Pane, add the following OpenOCD option:
-c hla_serial [ST-LINK S/N]
Figure 76 illustrates the setting of an OpenOCD option for forcing a connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99