công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SW4STM32C bảng dữ liệu(PDF) 72 Page - STMicroelectronics

tên linh kiện SW4STM32C
Giải thích chi tiết về linh kiện  STM32 microcontroller debug toolbox
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SW4STM32C bảng dữ liệu(HTML) 72 Page - STMicroelectronics

Back Button SW4STM32C Datasheet HTML 68Page - STMicroelectronics SW4STM32C Datasheet HTML 69Page - STMicroelectronics SW4STM32C Datasheet HTML 70Page - STMicroelectronics SW4STM32C Datasheet HTML 71Page - STMicroelectronics SW4STM32C Datasheet HTML 72Page - STMicroelectronics SW4STM32C Datasheet HTML 73Page - STMicroelectronics SW4STM32C Datasheet HTML 74Page - STMicroelectronics SW4STM32C Datasheet HTML 75Page - STMicroelectronics SW4STM32C Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 99 page
background image
Debug through hardware exploration
AN4989
72/99
DocID030181 Rev 2
This is typically pin PA8 for all STM32 families.
For Nucleo kits, the PA8 pin is accessible on the D7 pin of the Arduino™ connector.
For other board pin configuration, please refer to the board schematics.
Depending on board or and chip families, other pins can be used if needed and available.
The Ctrl + click on RCC_MCO pin command sequence under STM32CubeMX highlights in
blue the alternate pin. An example is shown in Figure 53.
Figure 53. MCO alternate pin highlight exemple with L073
STM32CubeMX Clock Configuration pane selects the signal to route to pin and the divider
as presented in Figure 54.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99