công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SW4STM32C bảng dữ liệu(PDF) 25 Page - STMicroelectronics

tên linh kiện SW4STM32C
Giải thích chi tiết về linh kiện  STM32 microcontroller debug toolbox
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SW4STM32C bảng dữ liệu(HTML) 25 Page - STMicroelectronics

Back Button SW4STM32C Datasheet HTML 21Page - STMicroelectronics SW4STM32C Datasheet HTML 22Page - STMicroelectronics SW4STM32C Datasheet HTML 23Page - STMicroelectronics SW4STM32C Datasheet HTML 24Page - STMicroelectronics SW4STM32C Datasheet HTML 25Page - STMicroelectronics SW4STM32C Datasheet HTML 26Page - STMicroelectronics SW4STM32C Datasheet HTML 27Page - STMicroelectronics SW4STM32C Datasheet HTML 28Page - STMicroelectronics SW4STM32C Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 99 page
background image
DocID030181 Rev 2
25/99
AN4989
Compiling for debug
98
3.1.3
SW4STM32
In project Properties->Settings->Tool Settings->MCU GCC Compiler->Optimization
Figure 12. SW4STM32 Optimization Level setting
gcc also provides the -Og option:
-Og enables optimizations that do not interfere with debugging. It offers a reasonable level
of optimization while maintaining fast compilation and a good debugging experience.
3.2
Debugging information
Debugging information is generated by the compiler together with the machine code. It is a
representation of the relationship between the executable program and the original source
code. This information is encoded into a pre-defined format and stored alongside the
machine code.
Debugging information is mandatory to set breakpoint or get the content of a variable.
This chapter presents the location of the Debugging Information related option in IAR
™,
Keil®, and SW4STM32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99