công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SW4STM32C bảng dữ liệu(PDF) 93 Page - STMicroelectronics

tên linh kiện SW4STM32C
Giải thích chi tiết về linh kiện  STM32 microcontroller debug toolbox
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SW4STM32C bảng dữ liệu(HTML) 93 Page - STMicroelectronics

Back Button SW4STM32C Datasheet HTML 89Page - STMicroelectronics SW4STM32C Datasheet HTML 90Page - STMicroelectronics SW4STM32C Datasheet HTML 91Page - STMicroelectronics SW4STM32C Datasheet HTML 92Page - STMicroelectronics SW4STM32C Datasheet HTML 93Page - STMicroelectronics SW4STM32C Datasheet HTML 94Page - STMicroelectronics SW4STM32C Datasheet HTML 95Page - STMicroelectronics SW4STM32C Datasheet HTML 96Page - STMicroelectronics SW4STM32C Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 99 page
background image
DocID030181 Rev 2
93/99
AN4989
Managing various targets on the same PC
98
Figure 71. Getting target ST-LINK S/N from the console
The next sections detail the selection of a specific target with each of the main IDEs
considered in this application note.
IAR™ EWARM
The first time a debug session is launched while several targets are connected, a Debug
Probe Selection window pops up.
A list of connected targets is displayed, identified by the last four bytes of the ST-LINK S/N
as illustrated in Figure 72.
Figure 72. IAR™ Debug Probe Selection pop-up window
It is recommended to use the Edit Nickname feature to ease board identification in
anticipation of further connection as shown in Figure 73.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99