| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SW4STM32C bảng dữ liệu(PDF) 91 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SW4STM32C bảng dữ liệu(HTML) 91 Page - STMicroelectronics |
|
91 / 99 page ![]() DocID030181 Rev 2 91/99 AN4989 Use Nucleo “cutted” ST-LINK as stand-alone VCP 98 Figure 69. Virtual-COM port on PC side Note: This usage implies to have several targets connected to a single host PC. In order to properly identify the target and the VCP, refer to Appendix C: Managing various targets on the same PC. |