công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SW4STM32C bảng dữ liệu(PDF) 10 Page - STMicroelectronics

tên linh kiện SW4STM32C
Giải thích chi tiết về linh kiện  STM32 microcontroller debug toolbox
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SW4STM32C bảng dữ liệu(HTML) 10 Page - STMicroelectronics

Back Button SW4STM32C Datasheet HTML 6Page - STMicroelectronics SW4STM32C Datasheet HTML 7Page - STMicroelectronics SW4STM32C Datasheet HTML 8Page - STMicroelectronics SW4STM32C Datasheet HTML 9Page - STMicroelectronics SW4STM32C Datasheet HTML 10Page - STMicroelectronics SW4STM32C Datasheet HTML 11Page - STMicroelectronics SW4STM32C Datasheet HTML 12Page - STMicroelectronics SW4STM32C Datasheet HTML 13Page - STMicroelectronics SW4STM32C Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 99 page
background image
STM32 ecosystem outlines
AN4989
10/99
DocID030181 Rev 2
Nucleo boards
STM32 Nucleo boards are affordable solutions for user willing to try out new ideas and to
quickly create prototypes based on STM32 MCU.
Figure 2. Nucleo-144, Nucleo-64 and Nucleo-32 boards
STM32 Nucleo boards feature the same connectors. They can easily be extended with a
large number of specialized application hardware add-ons.
Note:
Nucleo-144 boards include ST Zio connector, which is an extension of Arduino™ Uno rev3,
and ST morpho connector.
Nucleo-64 boards include Arduino™ Uno rev3 and ST morpho connectors.
Nucleo-32 boards include Arduino™ Nano connectors.
All STM32 Nucleo boards integrate an ST-LINK debugger/programmer, so there is no need
for a separate probe.
A complete description of the embedded ST-LINK features is provided in Section 2.1.2: ST-
LINK probe on page 13. Additional information and access to Nucleo boards complete
documentation sets are available at www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99