| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SW4STM32C bảng dữ liệu(PDF) 80 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SW4STM32C bảng dữ liệu(HTML) 80 Page - STMicroelectronics |
|
80 / 99 page ![]() Managing DBGMCU registers AN4989 80/99 DocID030181 Rev 2 Figure 58. DBGMCU_CR HAL Library Functions For M0 Cortex based families (L0/F0) DBGMCU module need to be clocked by setting bit 22 of register RCC_APB2ENR (refer to the corresponding reference manual) prior to be written. RCC->APB2ENR |= RCC_APB2ENR_DBGMCUEN; Some HAL macros are also available to Enable/Disable this clock. __HAL_RCC_DBGMCU_CLK_ENABLE(); HAL_DBGMCU_EnableDBGStopMode(); HAL_DBGMCU_EnableDBGStandbyMode(); HAL_DBGMCU_EnableDBGSleepMode(); __HAL_RCC_DBGMCU_CLK_DISABLE(); A.3 By debugger In order to avoid debugging specific lines in the source code, there are several possibilities to set DBGMCU registers through debugger interfaces or scripts. |