| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCI9060ES bảng dữ liệu(PDF) 163 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PCI9060ES bảng dữ liệu(HTML) 163 Page - List of Unclassifed Manufacturers |
|
163 / 192 page ![]() SECTION 8 PCI 9080 TIMING DIAGRAMS ©PLX Technology, Inc., 1997 Page 154 Version 1.02 ADDR CMD BYTE ENABLES ADDR D0 D0 D1 D2 DIRECT SLAVE PROCEEDS DIRECT MASTER READ DIRECT SLAVE READ DIRECT MASTER WILL NOT GAIN PCI BUS UNTIL DIRECT SLAVE ACCESS COMPLETES (GNT# ASSERTED , FRAME# DE-ASSERTED, IRDY# DE-ASSERTED) <-- DIRECT SLAVE- BREQo TIMER STARTS NO DIRECT MASTER READY D3 D1 D2 0ns 250ns 500ns 750ns CLK FRAME# AD[31:0] C/BE[3:0]# IRDY# DEVSEL# TRDY# REQ# LCLK LHOLD LHOLDA ADS# LA[31:2] LD[31:0] READYo# READYi# BREQo BREQo timer expires and asserts BREQo Note: For partial deadlock, PCI retry timer bits [31:28] to indicate potential deadlock condition. of the Local Bus Region Descriptor Register can be used to issue RETRYs to the PCI Master attempting External logic backs off Direct Master transfer and the Direct Slave access. asserts LHOLDA to grant the local bus for a Direct Slave transfer. Refer to Section 3, “Functional Description,” for a description of deadlock. Timing Diagram 8-51. (C Mode) BREQo and Deadlock |