| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCI9060ES bảng dữ liệu(PDF) 84 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PCI9060ES bảng dữ liệu(HTML) 84 Page - List of Unclassifed Manufacturers |
|
84 / 192 page ![]() SECTION 4 PCI 9080 REGISTERS ©PLX Technology, Inc., 1997 Page 75 Version 1.02 Table 4-58. (INTCSR; PCI:68h, LOC:E8h) Interrupt Control/Status Register (continued) Field Description Read Write Value after Reset 24 Value of 0 indicates a Direct Master was the bus master during a Master or Target abort. (Not valid until abort occurs.) Yes No 1 25 Value of 0 indicates DMA CH 0 was the bus master during a Master or Target abort. (Not valid until abort occurs.) Yes No 1 26 Value of 0 indicates DMA CH 1 was the bus master during a Master or Target abort. (Not valid until abort occurs.) Yes No 1 27 Value of 0 indicates a Target Abort was generated by the PCI 9080 after 256 consecutive Master retries to a Target. (Not valid until abort occurs.) Yes No 1 28 Value of 1 indicates PCI wrote data to the MailBox #0. Enabled only if MBOXINTENB is enabled (bit 3 high). Yes No 0 29 Value of 1 indicates PCI wrote data to the MailBox #1. Enabled only if MBOXINTENB is enabled (bit 3 high). Yes No 0 30 Value of 1 indicates PCI wrote data to the MailBox #2. Enabled only if MBOXINTENB is enabled (bit 3 high). Yes No 0 31 Value of 1 indicates PCI wrote data to the MailBox #3. Enabled only if MBOXINTENB is enabled (bit 3 high). Yes No 0 |