| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCI9060ES bảng dữ liệu(PDF) 92 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PCI9060ES bảng dữ liệu(HTML) 92 Page - List of Unclassifed Manufacturers |
|
92 / 192 page ![]() SECTION 4 PCI 9080 REGISTERS ©PLX Technology, Inc., 1997 Page 83 Version 1.02 4.6.14 (DMATHR; PCI:B0h, LOC:130h) DMA Threshold Register Table 4-74. (DMATHR; PCI:B0h, LOC:130h) DMA Threshold Register Field Description Read Write Value after Reset 3:0 DMA Channel 0 PCI to Local Almost Full (C0PLAF). Number of full entries (divided by two, minus one) in FIFO before requesting local bus for writes. (C0PLAF+1) + (C0PLAE+1) should be ≤ FIFO Depth of 32. Yes Yes 0 7:4 DMA Channel 0 Local to PCI Almost Empty (C0LPAE). Number of empty entries (divided by two, minus one) in FIFO before requesting local bus for reads. (C0LPAF+1) + (C0LPAE+1) should be ≤ FIFO depth of 32. Yes Yes 0 11:8 DMA Channel 0 Local to PCI Almost Full (C0LPAF). Number of full entries (divided by two, minus one) in FIFO before requesting local bus for writes. Yes Yes 0 15:12 DMA Channel 0 PCI to Local Almost Empty (C0PLAE). Number of empty entries (divided by two, minus one) in FIFO before requesting local bus for reads. Yes Yes 0 19:16 DMA Channel 1 PCI to Local Almost Full (C1PLAF). Number of full entries (divided by two, minus one) in FIFO before requesting local bus for writes. (C1PLAF+1) + (C1PLAE+1) should be ≤ FIFO depth of 16. Yes Yes 0 23:20 DMA Channel 1 Local to PCI Almost Empty (C1LPAE). Number of empty entries (divided by two, minus one) in FIFO before requesting local bus for reads. (C1PLAF+1) + (C1PLAE+1) should be ≤ FIFO depth of 16. Yes Yes 0 27:24 DMA Channel 1 Local to PCI Almost Full (C1LPAF). Number of full entries (divided by two, minus one) in FIFO before requesting local bus for writes. Yes Yes 0 31:28 DMA Channel 1 PCI to Local Almost Empty (C1PLAE). Number of empty entries (divided by two, minus one) in FIFO before requesting local bus for reads. Yes Yes 0 Note: If the number of entries needed is x, then value is one less than half the number of entries (that is, x/2 – 1). |