| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCI9060ES bảng dữ liệu(PDF) 131 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PCI9060ES bảng dữ liệu(HTML) 131 Page - List of Unclassifed Manufacturers |
|
131 / 192 page ![]() SECTION 8 PCI 9080 TIMING DIAGRAMS ©PLX Technology, Inc., 1997 Page 122 Version 1.02 CMD BE D4 D3 D2 D1 D0 ADDR +4 +8 +C +10 D0 D1 D2 D3 D4 D5 D6 D7 +1C +18 +14 ADDR 0ns 250ns 500ns 750ns CLK FRAME# AD[31:0] C/BE[3:0]# IRDY# DEVSEL# TRDY# LCLK LHOLD LHOLDA ADS# LW/R# BLAST# LA[31:2] LD[31:0] READYi# Five Lwords, one wait state, burst enabled, Bterm disabled. Unused read data is flushed with local processor. Timing Diagram 8-18. (C Mode) Direct Slave Burst Read of Five Lwords with One Wait State |