công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 199 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 199 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 195Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 196Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 197Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 198Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 199Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 200Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 201Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 202Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 203Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 1324 page
background image
Chapter 3 Memory Mapping Control (S12XMMCV4)
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
199
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
;many cases assemblers are “direct page aware” and can
;automatically select direct mode.
3.3.2.5
MMC Control Register (MMCCTL1)
Read: Anytime. In emulation modes read operations will return the data from the external bus. In all other
modes the data are read from this register.
Write: Refer to each bit description. In emulation modes write operations will also be directed to the
external bus.
CAUTION
XGATE write access to this register during an CPU access which makes use
of this register could lead to unexpected results.
Address: 0x0013 PRR
76543210
R
TGMRAMON
0
EEEIFRON
PGMIFRON
RAMHM
EROMON
ROMHM
ROMON
W
Reset
00000
EROMCTL
0
ROMCTL
= Unimplemented or Reserved
Figure 3-10. MMC Control Register (MMCCTL1)
Table 3-11. MMCCTL1 Field Descriptions
Field
Description
7
TGMRAMON
EEE Tag RAM and FTM SCRATCH RAM visible in the memory map
Write: Anytime
This bit is used to made the EEE Tag RAM nd FTM SCRATCH RAM visible in the global memory map.
0 Not visible in the memory map.
1 Visible in the memory map.
5
EEEIFRON
EEE IFR visible in the memory map
Write: Anytime
This bit is used to made the IFR sector of EEE DATA FLASH visible in the global memory map.
0 Not visible in the memory map.
1 Visible in the memory map.
4
PGMIFRON
Program IFR visible in the memory map
Write: Anytime
This bit is used to made the IFR sector of the Program Flash visible in the global memory map.
0 Not visible in the memory map.
1 Visible in the memory map.
3
RAMHM
RAM only in higher Half of the memory map
Write: Once in normal and emulation modes and anytime in special modes
0 Accesses to $4000–$7FFF will be mapped to $14_4000-$14_7FFF in the global memory space (external
access).
1 Accesses to $4000–$7FFF will be mapped to $0F_C000-$0F_FFFF in the global memory space (RAM area).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com