công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 170 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 170 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 166Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 167Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 168Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 169Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 170Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 171Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 172Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 173Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 174Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 1324 page
background image
Chapter 2 Port Integration Module (S12XEPIMV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
170
Freescale Semiconductor
2.3.94
Port L Input Register (PTIL)
2.3.95
Port L Data Direction Register (DDRL)
Address 0x0371
Access: User read(1)
1. Read: Anytime.
Write:Never, writes to this register have no effect.
76543210
R
PTIL7
PTIL6
PTIL5
PTIL4
PTIL3
PTIL2
PTIL1
PTIL0
W
Reset
uuuuuuuu
= Unimplemented or Reserved
u = Unaffected by reset
Figure 2-92. Port L Input Register (PTIL)
Table 2-89. PTIL Register Field Descriptions
Field
Description
7-0
PTIL
Port L input data—
This register always reads back the buffered state of the associated pins. This can also be used to detect overload
or short circuit conditions on output pins.
Address 0x0372
Access: User read/write(1)
1. Read: Anytime.
Write: Anytime.
76543210
R
DDRL7
DDRL6
DDRL5
DDRL4
DDRL3
DDRL2
DDRL1
DDRL0
W
Reset
00000000
Figure 2-93. Port L Data Direction Register (DDRL)
Table 2-90. DDRL Register Field Descriptions
Field
Description
7-0
DDRL
Port L data direction—
This register controls the data direction of pins 7 through 0.This register configures each Port L pin as either input
or output.
If SPI0 is enabled, the SPI0 determines the pin direction. Refer to SPI section for details.
If the associated SCI transmit or receive channel is enabled this register has no effect on the pins. The pin is forced
to be an output if a SCI transmit channel is enabled, it is forced to be an input if the SCI receive channel is enabled.
The data direction bits revert to controlling the I/O direction of a pin when the associated channel is disabled.
1 Associated pin is configured as output.
0 Associated pin is configured as input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com