công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 165 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 165 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 161Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 162Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 163Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 164Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 165Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 166Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 167Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 168Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 169Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 1324 page
background image
Chapter 2 Port Integration Module (S12XEPIMV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
Freescale Semiconductor
165
2.3.87
Port R Data Direction Register (DDRR)
NOTE
Due to internal synchronization circuits, it can take up to 2 bus clock cycles
until the correct value is read on PTR or PTIR registers, when changing the
DDRR register.
2.3.88
Port R Reduced Drive Register (RDRR)
Address 0x036A
Access: User read/write(1)
1. Read: Anytime.
Write: Anytime.
76543210
R
DDRR7
DDRR6
DDRR5
DDRR4
DDRR3
DDRR2
DDRR1
DDRR0
W
Reset
00000000
Figure 2-85. Port R Data Direction Register (DDRR)
Table 2-83. DDRR Register Field Descriptions
Field
Description
7-0
DDRR
Port R data direction—
This register controls the data direction of pins 7 through 0.
The TIM forces the I/O state to be an output for each timer port associated with an enabled output compare. In this
case the data direction bits will not change.
The data direction bits revert to controlling the I/O direction of a pin when the associated timer output compare is
disabled.
The timer Input Capture always monitors the state of the pin.
1 Associated pin is configured as output.
0 Associated pin is configured as high-impedance input.
Address 0x036B
Access: User read/write(1)
1. Read: Anytime.
Write: Anytime.
76543210
R
RDRR7
RDRR6
RDRR5
RDRR4
RDRR3
RDRR2
RDRR1
RDRR0
W
Reset
00000000
Figure 2-86. Port R Reduced Drive Register (RDRR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com