công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 528 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 528 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 524Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 525Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 526Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 527Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 528Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 529Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 530Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 531Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 532Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 528 / 1324 page
background image
Chapter 14 Enhanced Capture Timer (ECT16B8CV3)
MC9S12XE-Family Reference Manual Rev. 1.22
528
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
14.2.3
IOC5 — Input Capture and Output Compare Channel 5
This pin serves as input capture or output compare for channel 5.
14.2.4
IOC4 — Input Capture and Output Compare Channel 4
This pin serves as input capture or output compare for channel 4.
14.2.5
IOC3 — Input Capture and Output Compare Channel 3
This pin serves as input capture or output compare for channel 3.
14.2.6
IOC2 — Input Capture and Output Compare Channel 2
This pin serves as input capture or output compare for channel 2.
14.2.7
IOC1 — Input Capture and Output Compare Channel 1
This pin serves as input capture or output compare for channel 1.
14.2.8
IOC0 — Input Capture and Output Compare Channel 0
This pin serves as input capture or output compare for channel 0.
NOTE
For the description of interrupts see Section 14.4.3, “Interrupts”.
14.3
Memory Map and Register Definition
This section provides a detailed description of all memory and registers.
14.3.1
Module Memory Map
The memory map for the ECT module is given below in the Table 14-2. The address listed for each register
is the address offset. The total address for each register is the sum of the base address for the ECT module
and the address offset for each register.
14.3.2
Register Descriptions
This section consists of register descriptions in address order. Each description includes a standard register
diagram with an associated figure number. Details of register bit and field function follow the register
diagrams, in bit order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com