công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 504 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 504 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 500Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 501Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 502Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 503Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 504Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 505Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 506Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 507Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 508Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 504 / 1324 page
background image
Chapter 13 Analog-to-Digital Converter (ADC12B16CV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
504
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
13.2
Signal Description
This section lists all inputs to the ADC12B16C block.
13.2.1
Detailed Signal Descriptions
13.2.1.1
ANx (x = 15, 14, 13, 12, 11, 10, 9, 8, 7, 6, 5, 4, 3, 2, 1, 0)
This pin serves as the analog input Channel x. It can also be configured as digital port or external trigger
for the ATD conversion.
13.2.1.2
ETRIG3, ETRIG2, ETRIG1, ETRIG0
These inputs can be configured to serve as an external trigger for the ATD conversion.
Refer to device specification for availability and connection of these inputs!
13.2.1.3
VRH, VRL
VRH is the high reference voltage, VRL is the low reference voltage for ATD conversion.
13.2.1.4
VDDA, VSSA
These pins are the power supplies for the analog circuitry of the ADC12B16C block.
13.3
Memory Map and Register Definition
This section provides a detailed description of all registers accessible in the ADC12B16C.
13.3.1
Module Memory Map
Figure 13-2 gives an overview on all ADC12B16C registers.
NOTE
Register Address = Base Address + Address Offset, where the Base Address
is defined at the MCU level and the Address Offset is defined at the module
level.
Address
Name
Bit 7
6
5
4
3
2
1
Bit 0
0x0000
ATDCTL0
R
Reserved
000
WRAP3
WRAP2
WRAP1
WRAP0
W
0x0001
ATDCTL1
R
ETRIGSEL
SRES1
SRES0
SMP_DIS ETRIGCH3 ETRIGCH2 ETRIGCH1 ETRIGCH0
W
0x0002
ATDCTL2
R0
AFFC
ICLKSTP ETRIGLE
ETRIGP
ETRIGE
ASCIE
ACMPIE
W
= Unimplemented or Reserved
Figure 13-2. ADC12B16C Register Summary (Sheet 1 of 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com