công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 385 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 385 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 381Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 382Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 383Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 384Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 385Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 386Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 387Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 388Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 389Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 1324 page
background image
Chapter 10 XGATE (S12XGATEV3)
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
385
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
10.8.2.5
Bit Field Operations
This addressing mode is used to identify the position and size of a bit field for insertion or extraction. The
width and offset are coded in the lower byte of the source register 2, RS2. The content of the upper byte is
ignored. An offset of 0 denotes the right most position and a width of 0 denotes 1 bit. These instructions
are very useful to extract, insert, clear, set or toggle portions of a 16 bit word
Figure 10-26. Bit Field Addressing
BFEXT
R3,R4,R5 ; R5: W4+1 bits with offset O4, will be extracted from R4 into R3
10.8.2.6
Special Instructions for DMA Usage
The XGATE offers a number of additional instructions for flag manipulation, program flow control and
debugging:
1. SIF: Set a channel interrupt flag
2. SSEM: Test and set a hardware semaphore
3. CSEM: Clear a hardware semaphore
4. BRK: Software breakpoint
5. NOP: No Operation
6. RTS: Terminate the current thread
10.8.3
Cycle Notation
Table 10-23 show the XGATE access detail notation. Each code letter equals one XGATE cycle. Each
letter implies additional wait cycles if memories or peripherals are not accessible. Memories or peripherals
are not accessible if they are blocked by the S12X_CPU. In addition to this Peripherals are only accessible
every other XGATE cycle. Uppercase letters denote 16 bit operations. Lowercase letters denote 8 bit
operations. The XGATE is able to perform two bus or wait cycles per S12X_CPU cycle.
W4
O4
15
0
2
5
W4=3, O4=2
15
0
3
Bit Field Extract
Bit Field Insert
RS2
RS1
RD
0
3
4
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com