công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 371 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 371 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 367Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 368Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 369Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 370Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 371Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 372Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 373Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 374Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 375Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 1324 page
background image
Chapter 10 XGATE (S12XGATEV3)
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
371
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
10.3.1.18 XGATE Register 6 (XGR6)
The XGR6 register (Figure 10-20) provides access to the RISC core’s register 6.
Read: In debug mode if unsecured and not idle (XGCHID
≠ 0x00)
Write: In debug mode if unsecured and not idle (XGCHID
≠ 0x00)
10.3.1.19 XGATE Register 7 (XGR7)
The XGR7 register (Figure 10-21) provides access to the RISC core’s register 7.
Read: In debug mode if unsecured and not idle (XGCHID
≠ 0x00)
Write: In debug mode if unsecured and not idle (XGCHID
≠ 0x00)
10.4
Functional Description
The core of the XGATE module is a RISC processor which is able to access the MCU’s internal memories
and peripherals (see Figure 10-1). The RISC processor always remains in an idle state until it is triggered
by an XGATE request. Then it executes a code sequence (thread) that is associated with the requested
XGATE channel. Each thread can run on a priority level ranging from 1 to 7. Refer to the S12X_INT
Module Base +0x0002C
15
14
13
12
11
10
9876543210
R
XGR6
W
Reset
0000000000000000
Figure 10-20. XGATE Register 6 (XGR6)
Table 10-20. XGR6 Field Descriptions
Field
Description
15–0
XGR6[15:0]
XGATE Register 6 — The RISC core’s register 6
Module Base +0x0002E
15
14
13
12
11
10
9876543210
R
XGR7
W
Reset
0000000000000000
Figure 10-21. XGATE Register 7 (XGR7)
Table 10-21. XGR7 Field Descriptions
Field
Description
15–0
XGR7[15:0]
XGATE Register 7 — The RISC core’s register 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com