công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 296 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 296 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 292Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 293Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 294Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 295Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 296Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 297Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 298Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 299Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 300Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 1324 page
background image
Chapter 7 Background Debug Module (S12XBDMV2)
MC9S12XE-Family Reference Manual , Rev. 1.21
296
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
Differently from the normal bit transfer (where the host initiates the transmission), the serial interface ACK
handshake pulse is initiated by the target MCU by issuing a negative edge in the BKGD pin. The hardware
handshake protocol in Figure 7-11 specifies the timing when the BKGD pin is being driven, so the host
should follow this timing constraint in order to avoid the risk of an electrical conflict in the BKGD pin.
NOTE
The only place the BKGD pin can have an electrical conflict is when one
side is driving low and the other side is issuing a speedup pulse (high). Other
“highs” are pulled rather than driven. However, at low rates the time of the
speedup pulse can become lengthy and so the potential conflict time
becomes longer as well.
The ACK handshake protocol does not support nested ACK pulses. If a BDM command is not
acknowledge by an ACK pulse, the host needs to abort the pending command first in order to be able to
issue a new BDM command. When the CPU enters wait or stop while the host issues a hardware command
(e.g., WRITE_BYTE), the target discards the incoming command due to the wait or stop being detected.
Therefore, the command is not acknowledged by the target, which means that the ACK pulse will not be
issued in this case. After a certain time the host (not aware of stop or wait) should decide to abort any
possible pending ACK pulse in order to be sure a new command can be issued. Therefore, the protocol
provides a mechanism in which a command, and its corresponding ACK, can be aborted.
NOTE
The ACK pulse does not provide a time out. This means for the GO_UNTIL
command that it can not be distinguished if a stop or wait has been executed
(command discarded and ACK not issued) or if the “UNTIL” condition
(BDM active) is just not reached yet. Hence in any case where the ACK
pulse of a command is not issued the possible pending command should be
aborted before issuing a new command. See the handshake abort procedure
described in Section 7.4.8, “Hardware Handshake Abort Procedure”.
7.4.8
Hardware Handshake Abort Procedure
The abort procedure is based on the SYNC command. In order to abort a command, which had not issued
the corresponding ACK pulse, the host controller should generate a low pulse in the BKGD pin by driving
it low for at least 128 serial clock cycles and then driving it high for one serial clock cycle, providing a
speedup pulse. By detecting this long low pulse in the BKGD pin, the target executes the SYNC protocol,
see Section 7.4.9, “SYNC — Request Timed Reference Pulse”, and assumes that the pending command
and therefore the related ACK pulse, are being aborted. Therefore, after the SYNC protocol has been
completed the host is free to issue new BDM commands. For Firmware READ or WRITE commands it
can not be guaranteed that the pending command is aborted when issuing a SYNC before the
corresponding ACK pulse. There is a short latency time from the time the READ or WRITE access begins
until it is finished and the corresponding ACK pulse is issued. The latency time depends on the firmware
READ or WRITE command that is issued and if the serial interface is running on a different clock rate
than the bus. When the SYNC command starts during this latency time the READ or WRITE command
will not be aborted, but the corresponding ACK pulse will be aborted. A pending GO, TRACE1 or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com