công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 262 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 262 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 258Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 259Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 260Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 261Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 262Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 263Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 264Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 265Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 266Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 1324 page
background image
Chapter 6 Interrupt (S12XINTV2)
MC9S12XE-Family Reference Manual , Rev. 1.21
262
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
6.1.1
Glossary
The following terms and abbreviations are used in the document.
6.1.2
Features
•
Interrupt vector base register (IVBR)
•
One spurious interrupt vector (at address vector base1 + 0x0010).
•
One non-maskable system call interrupt vector request (at address vector base + 0x0012).
•
Three non-maskable access violation interrupt vector requests (at address vector base + 0x0014
−
0x0018).
•
2–109 I bit maskable interrupt vector requests (at addresses vector base + 0x001A–0x00F2).
•
Each I bit maskable interrupt request has a configurable priority level and can be configured to be
handled by either the CPU or the XGATE module2.
•
I bit maskable interrupts can be nested, depending on their priority levels.
•
One X bit maskable interrupt vector request (at address vector base + 0x00F4).
•
One non-maskable software interrupt request (SWI) or background debug mode vector request (at
address vector base + 0x00F6).
•
One non-maskable unimplemented op-code trap (TRAP) vector (at address vector base + 0x00F8).
•
Three system reset vectors (at addresses 0xFFFA–0xFFFE).
•
Determines the highest priority XGATE and interrupt vector requests, drives the vector to the
XGATE module or to the bus on CPU request, respectively.
•
Wakes up the system from stop or wait mode when an appropriate interrupt request occurs or
whenever XIRQ is asserted, even if X interrupt is masked.
•
XGATE can wake up and execute code, even with the CPU remaining in stop or wait mode.
Table 6-2. Terminology
Term
Meaning
CCR
Condition Code Register (in the S12X CPU)
DMA
Direct Memory Access
INT
Interrupt
IPL
Interrupt Processing Level
ISR
Interrupt Service Routine
MCU
Micro-Controller Unit
XGATE
refers to the XGATE co-processor; XGATE is an optional feature
IRQ
refers to the interrupt request associated with the IRQ pin
XIRQ
refers to the interrupt request associated with the XIRQ pin
1. The vector base is a 16-bit address which is accumulated from the contents of the interrupt vector base register (IVBR, used
as upper byte) and 0x00 (used as lower byte).
2. The IRQ interrupt can only be handled by the CPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com