công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 232 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 232 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 228Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 229Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 230Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 231Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 232Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 233Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 234Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 235Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 236Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 1324 page
background image
Chapter 4 Memory Protection Unit (S12XMPUV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
232
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
4.3.1.2
MPU Address Status Register 0 (MPUASTAT0)
Figure 4-4. MPU Address Status Register 0 (MPUASTAT0)
Read: Anytime
Write: Never
Table 4-4. MPUASTAT0 Field Descriptions
4.3.1.3
MPU Address Status Register 1 (MPUASTAT1)
Figure 4-5. MPU Address Status Register 1 (MPUASTAT1)
Read: Anytime
Write: Never
Table 4-5. MPUASTAT1 Field Descriptions
Address: Module Base + 0x0001
76543210
R
0
ADDR[22:16]
W
Reset
0
0
0
00000
Field
Description
6–0
ADDR[22:16]
Access violation address bits — The ADDR[22:16] bits contain bits [22:16] of the global address which
caused the current access violation interrupt. These bits are undefined if the access error flag bit (AEF) in the
MPUFLG register is not set.
Address: Module Base + 0x0002
76543210
R
ADDR[15:8]
W
Reset
0
0
0
00000
Field
Description
7–0
ADDR[15:8]
Access violation address bits — The ADDR[15:8] bits contain bits [15:8] of the global address which caused
the current access violation interrupt. These bits are undefined if the access error flag bit (AEF) in the MPUFLG
register is not set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com