công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08DZ96F2CLL bảng dữ liệu(PDF) 191 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08DZ96F2CLL
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL bảng dữ liệu(HTML) 191 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 187Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 188Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 189Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 190Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 191Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 192Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 193Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 194Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 195Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 458 page
background image
Chapter 8 Multi-Purpose Clock Generator (S08MCGV2)
MC9S08DZ128 Series Data Sheet, Rev. 1
Freescale Semiconductor
191
8.5.3.2
Example # 2: Moving from PEE to BLPI Mode: Bus Frequency =16 kHz
In this example, the MCG will move through the proper operational modes from PEE mode with an 8MHz
crystal configured for an 16 MHz bus frequency (see previous example) to BLPI mode with a 16 kHz bus
frequency.First, the code sequence will be described. Then a flowchart will be included which illustrates
the sequence.
1. First, PEE must transition to PBE mode:
a) MCGC1 = 0x98 (%10011000)
– CLKS (bits 7 and 6) set to %10 in order to switch the system clock source to the external
reference clock
b) Loop until CLKST (bits 3 and 2) in MCGSC are %10, indicating that the external reference
clock is selected to feed MCGOUT
2. Then, PBE must transition either directly to FBE mode or first through BLPE mode and then to
FBE mode:
a) BLPE: If a transition through BLPE mode is desired, first set LP (bit 3) in MCGC2 to 1
b) BLPE/FBE: MCGC3 = 0x18(%00011000)
– PLLS (bit 6) clear to 0 to select the FLL. At this time, with an RDIV value of %011, the PLL
reference divider of 8 is switched to an FLL divider of 256 (see Table 8-2), resulting in a
reference frequency of 8 MHz / 256 = 31.25 kHz. If RDIV was not previously set to %011
(necessary to achieve required 31.25-39.06 kHz FLL reference frequency with an 8 MHz
external source frequency), it must be changed prior to clearing the PLLS bit. In BLPE
mode,changing this bit only prepares the MCG for FLL usage in FBE mode. With PLLS =
0, the VDIV value does not matter.
– DIV32 (bit 4) set to 1 (if previously cleared), automatically switches RDIV bits to the proper
reference divider for the FLL clock (divide-by-256)
c) BLPE: If transitioning through BLPE mode, clear LP (bit 3) in MCGC2 to 0 here to switch to
FBE mode
d) FBE: Loop until PLLST (bit 5) in MCGSC is clear, indicating that the current source for the
PLLS clock is the FLL
e) FBE: Optionally, loop until LOCK (bit 6) in the MCGSC is set, indicating that the FLL has
acquired lock. Although the FLL is bypassed in FBE mode, it is still enabled and running.
3. Next, FBE mode transitions into FBI mode:
a) MCGC1 = 0x5C (%01011100)
– CLKS (bits7 and 6) in MCGSC1 set to %01 in order to switch the system clock to the
internal reference clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com