công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08DZ96F2CLL bảng dữ liệu(PDF) 189 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08DZ96F2CLL
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL bảng dữ liệu(HTML) 189 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 185Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 186Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 187Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 188Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 189Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 190Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 191Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 192Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 193Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 458 page
background image
Chapter 8 Multi-Purpose Clock Generator (S08MCGV2)
MC9S08DZ128 Series Data Sheet, Rev. 1
Freescale Semiconductor
189
a) BLPE: If a transition through BLPE mode is desired, first set LP (bit 3) in MCGC2 to 1.
b) BLPE/PBE: MCGC3 = 0x58 (%01011000)
– PLLS (bit 6) set to 1, selects the PLL. At this time, with an RDIV value of %011, the FLL
reference divider of 256 is switched to the PLL reference divider of 8 (see Table 8-3),
resulting in a reference frequency of 8 MHz/ 8 = 1 MHz. In BLPE mode,changing the PLLS
bit only prepares the MCG for PLL usage in PBE mode
– DIV32 (bit 4) still set at 1. Because the MCG is in a PLL mode, the DIV32 bit is ignored.
Keeping it set at 1 makes transitions back into an FLL external mode easier.
– VDIV (bits 3-0) set to %1000, or multiply-by-32 because 1 MHz reference * 32= 32MHz.
In BLPE mode, the configuration of the VDIV bits does not matter because the PLL is
disabled. Changing them only sets up the multiply value for PLL usage in PBE mode
c) BLPE: If transitioning through BLPE mode, clear LP (bit 3) in MCGC2 to 0 here to switch to
PBE mode
d) PBE: Loop until PLLST (bit 5) in MCGSC is set, indicating that the current source for the
PLLS clock is the PLL
e) PBE: Then loop until LOCK (bit 6) in MCGSC is set, indicating that the PLL has acquired lock
3. Lastly, PBE mode transitions into PEE mode:
a) MCGC1 = 0x18 (%00011000)
– CLKS (bits7 and 6) in MCGSC1 set to %00 in order to select the output of the PLL as the
system clock source
b) Loop until CLKST (bits 3 and 2) in MCGSC are %11, indicating that the PLL output is selected
to feed MCGOUT in the current clock mode
– Now, With an RDIV of divide-by-8, a BDIV of divide-by-1, and a VDIV of multiply-by-32,
MCGOUT = [(8 MHz / 8) * 32] / 1 = 32 MHz, and the bus frequency is MCGOUT / 2, or
16 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com