công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08DZ96F2CLL bảng dữ liệu(PDF) 187 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08DZ96F2CLL
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL bảng dữ liệu(HTML) 187 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 183Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 184Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 185Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 186Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 187Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 188Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 189Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 190Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 191Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 458 page
background image
Chapter 8 Multi-Purpose Clock Generator (S08MCGV2)
MC9S08DZ128 Series Data Sheet, Rev. 1
Freescale Semiconductor
187
reference can achieve a high-range maximum DCO output of 39.85 MHz with a multiplier of 1216. When
the DRS bit is clear, the 32.768 kHz reference can achieve a mid-range maximum DCO output of 19.92
MHz with a multiplier of 608.
In FBI and FEI modes, setting the DMX32 bit is not recommended. If the internal reference is trimmed to
a frequency above 32.768 kHz, the greater FLL multiplication factor could potentially push the
microcontroller system clock out of specification and damage the part.
8.5.3
MCG Mode Switching
When switching between operational modes of the MCG, certain configuration bits must be changed in
order to properly move from one mode to another. Each time any of these bits are changed (PLLS, IREFS,
CLKS, or EREFS), the corresponding bits in the MCGSC register (PLLST, IREFST, CLKST, or
OSCINIT) must be checked before moving on in the application software.
Additionally, care must be taken to ensure that the reference clock divider (RDIV) is set properly for the
mode being switched to. For instance, in PEE mode, if using a 4 MHz crystal, RDIV must be set to %001
(divide-by-2) or %010 (divide -by-4) in order to divide the external reference down to the required
frequency between 1 and 2 MHz.
If switching to FBE or FEE mode, first setting the DIV32 bit will ensure a proper reference frequency is
sent to the FLL clock at all times.
In FBE, FEE, FBI, and FEI modes, at any time, the application can switch the FLL multiplication factor
between 1024 and 512 with the DRS bit in MCGT. Writes to DRS will be ignored if LP=1 or PLLS=1.
The RDIV and IREFS bits should always be set properly before changing the PLLS bit so that the FLL or
PLL clock has an appropriate reference clock frequency to switch to. The table below shows MCGOUT
frequency calculations using RDIV, BDIV, and VDIV settings for each clock mode. The bus frequency is
equal to MCGOUT divided by 2.
Table 8-10. MCGOUT Frequency Calculation Options
Clock Mode
fMCGOUT
1
Note
FEI (FLL engaged internal)
(fint * F ) / B
Typical fMCGOUT = 16 MHz
immediately after reset.
FEE (FLL engaged external)
(fext / R *F) / B
fext / R must be in the range of
31.25 kHz to 39.0625 kHz
FBE (FLL bypassed external)
fext / B
fext / R must be in the range of
31.25 kHz to 39.0625 kHz
FBI (FLL bypassed internal)
fint / B
Typical fint = 32 kHz
PEE (PLL engaged external)
[(fext / R) * M] / B
fext / R must be in the range of 1
MHz to 2 MHz
PBE (PLL bypassed external)
fext / B
fext / R must be in the range of 1
MHz to 2 MHz
BLPI (Bypassed low power internal)
fint / B
BLPE (Bypassed low power external)
fext / B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com