công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08DZ96F2CLL bảng dữ liệu(PDF) 216 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08DZ96F2CLL
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL bảng dữ liệu(HTML) 216 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 212Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 213Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 214Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 215Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 216Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 217Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 218Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 219Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 220Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 458 page
background image
Chapter 10 Analog-to-Digital Converter (S08ADC12V1)
MC9S08DZ128 Series Data Sheet, Rev. 1
216
Freescale Semiconductor
If the MODE bits are changed, any data in ADCRH becomes invalid.
10.3.4
Data Result Low Register (ADCRL)
ADCRL contains the lower eight bits of the result of a 12-bit or 10-bit conversion, and all eight bits of an
8-bit conversion. This register is updated each time a conversion completes except when automatic
compare is enabled and the compare condition is not met. In 12-bit and 10-bit mode, reading ADCRH
prevents the ADC from transferring subsequent conversion results into the result registers until ADCRL is
read. If ADCRL is not read until the after next conversion is completed, the intermediate conversion results
are lost. In 8-bit mode, there is no interlocking with ADCRH. If the MODE bits are changed, any data in
ADCRL becomes invalid.
10.3.5
Compare Value High Register (ADCCVH)
In 12-bit mode, the ADCCVH register holds the upper four bits of the 12-bit compare value. When the
compare function is enabled, these bits are compared to the upper four bits of the result following a
conversion in 12-bit mode.
7654
3
210
R
0
0
0
0
ADR11
ADR10
ADR9
ADR8
W
Reset:
0
0
0
0
0
0
0
0
Figure 10-5. Data Result High Register (ADCRH)
7654
3
210
R
ADR7
ADR6
ADR5
ADR4
ADR3
ADR2
ADR1
ADR0
W
Reset:
0
0
0
0
0
0
0
0
Figure 10-6. Data Result Low Register (ADCRL)
7654
3
210
R
0
000
ADCV11
ADCV10
ADCV9
ADCV8
W
Reset:
0
0
0
0
0
0
0
0
Figure 10-7. Compare Value High Register (ADCCVH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com